Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 48Page - Dialog Semiconductor DA7219 Datasheet HTML 49Page - Dialog Semiconductor DA7219 Datasheet HTML 50Page - Dialog Semiconductor DA7219 Datasheet HTML 51Page - Dialog Semiconductor DA7219 Datasheet HTML 52Page - Dialog Semiconductor DA7219 Datasheet HTML 53Page - Dialog Semiconductor DA7219 Datasheet HTML 54Page - Dialog Semiconductor DA7219 Datasheet HTML 55Page - Dialog Semiconductor DA7219 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec -2015
52 of 123
© 2015 Dialog Semiconductor
9.6.6
SRM PLL mode (DAI slave)
SRM mode enables the PLL output clock to be synchronized to the incoming WCLK signal on the
DAI. The SRM PLL mode is enabled by setting pll_mode = 10.
When using the digital audio interface in slave mode with the SRM enabled, removing and re-
applying the DAI interface word clock WCLK may cause the PLL lock to be lost. To re-lock the PLL it
is recommended that you disable the SRM (pll_mode = 00), reset the PLL by re-writing to register
PLL_INTEGER, and then re-enable the SRM (pll_mode = 10) after the DAI WCLK has been
reapplied.
When switching sample rates between 44.1 kHz and 48 kHz (or between the multiples of these
sample rates), SRM must be disabled and then re enabled using register bit pll_mode.
9.7
Reference generation
9.7.1
Voltage references
The audio circuits use supply-derived references of 0.45×VDD (VMID) and 0.9×VDD (DACREF).
There is also bandgap-derived fixed voltage reference of 1.2 V (VREF). All three voltage references
require off-chip decoupling capacitors (see Appendix B.6).
Both VREF and VMID are automatically enabled whenever the device enters ACTIVE mode. They
are automatically disabled when entering STANDBY mode.
The VMID reference comes from a high-resistance voltage divider, which combines with the
decoupling capacitor to create a large RC (resistance-capacitance) time constant. This ensures a
noise-free VMID reference.
To minimise startup time, set vmid_fast_charge = 1. This enables a low resistance path to charge the
decoupling capacitor faster.
Fast charge (vmid_fast_charge) must be disabled after start-up as it will increase the noise on the
VMID reference.
The bandgap reference VREF also takes time to charge its decoupling capacitor, but an internal
timer ensures that no circuit that requires VREF is enabled until VREF has reached 1.2 V.
The DACREF voltage reference is produced from VMID by a times-two buffer so is capable of
charging its decoupling capacitor quickly.
9.7.2
Bias currents
DA7219 has a master bias current generation block that is enabled by default using the bias_en bit.
Master bias current generation is set to ‘On’ by default. Each sub system has its own local current
generation block, which is automatically enabled whenever any of its sub-blocks are enabled.
9.7.3
Voltage levels
9.7.4
IO voltage level
The digital input/output pins can be set to operate in either a high voltage (2.5 to 3.6 V) or low voltage
(1.5 to 2.5 V) range using the io_voltage_level bit. See Table 40.
Table 40: IO voltage level setting
io_voltage_level setting
Digital I/O voltage range (V)
0
2.5 to 3.6
1
1.2 to 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com