Electronic Components Datasheet Search
  English  ▼

X  

DA7219 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # DA7219
Description  Audio codec with Advanced Accessory Detect
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7219 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button DA7219 Datasheet HTML 5Page - Dialog Semiconductor DA7219 Datasheet HTML 6Page - Dialog Semiconductor DA7219 Datasheet HTML 7Page - Dialog Semiconductor DA7219 Datasheet HTML 8Page - Dialog Semiconductor DA7219 Datasheet HTML 9Page - Dialog Semiconductor DA7219 Datasheet HTML 10Page - Dialog Semiconductor DA7219 Datasheet HTML 11Page - Dialog Semiconductor DA7219 Datasheet HTML 12Page - Dialog Semiconductor DA7219 Datasheet HTML 13Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
DA7219
Audio codec with Advanced Accessory Detect
Company confidential
Datasheet
Revision 2.1
17-Dec-2015
9 of 123
© 2015 Dialog Semiconductor
Pin no.
Pin name
Type
(Table 2)
Description
Digital Interface
D14
SDA
DIOD
I2C bidirectional data
D12
SCL
DI
I2C clock
D10
nIRQ
DIOD
Interrupt output (open drain active low)
C7
DATIN
DIO
DAI data input to DA7219
C9
DATOUT
DIO
DAI data output from DA7219
D6
BCLK
DIO
DAI bit clock
D8
WCLK
DIO
DAI word clock
C11
MCLK
DI
Master clock input
References
B8
DACREF
AIO
DAC reference decoupling capacitor
A9
VMID
AIO
Mid-rail reference decoupling capacitor
A7
VREF
AIO
Bandgap reference decoupling capacitor
Supplies
C5
VDD
AI
Main analogue and digital supply
A13
VDD_MIC
AI
Supply for MICBIAS LDO
D4
VDD_IO
AI
Supply for digital interfaces
Grounds
B2
GND_CP
AI
Ground
B10
GND
AI
Ground
B12
GND_HP
AI
Ground
Table 2: Pin type definition
Pin type
Description
Pin type
Description
DI
Digital Input
AI
Analogue Input
DIO
Digital Input/Output
AO
Analogue Output
DIOD
Digital Input/Output open Drain
AIO
Analogue Input/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com