Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 5Page - NXP Semiconductors SC16C554 Datasheet HTML 6Page - NXP Semiconductors SC16C554 Datasheet HTML 7Page - NXP Semiconductors SC16C554 Datasheet HTML 8Page - NXP Semiconductors SC16C554 Datasheet HTML 9Page - NXP Semiconductors SC16C554 Datasheet HTML 10Page - NXP Semiconductors SC16C554 Datasheet HTML 11Page - NXP Semiconductors SC16C554 Datasheet HTML 12Page - NXP Semiconductors SC16C554 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
9 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Table 2:
Pin description
Symbol
Pin
Type
Description
PLCC68 LQFP64 LQFP80
16/68
31
-
-
I
16/68 Interface type select (input with internal pull-up). This input
provides the 16 (Intel) or 68 (Motorola) bus interface type select. The
functions of IOR, IOW, INT A-INTD, and CSA-CSD are re-assigned
with the logical state of this pin. When this pin is a logic 1, the 16
mode interface (16C554) is selected. When this pin is a logic 0, the
68 mode interface (68C554) is selected. When this pin is a logic 0,
IOW is re-assigned to R/W, RESET is re-assigned to RESET, IOR is
not used, and INTA-INTD are connected in a wire-OR configuration.
The wire-OR outputs are connected internally to the open drain IRQ
signal output. This pin is not available on 64-pin packages which
operate in the 16 mode only.
A0
34
24
48
I
Address 0 select bit. Internal registers address selection in 16 and
68 modes.
A1
33
23
47
I
Address 1 select bit. Internal registers address selection in 16 and
68 modes.
A2
32
22
46
I
Address 2 select bit. Internal registers address selection in 16 and
68 modes.
A3, A4
20, 50
-
-
I
Address 3-4 select bits. When the 68 mode is selected, these pins
are used to address or select individual UARTs (providing CS is a
logic 0). In the 16 mode, these pins are re-assigned as chip selects,
see CSB and CSC.
CDA, CDB,
CDC, CDD
9, 27,
43, 61
64, 18,
31, 49
19, 42,
59, 2
I
Carrier Detect (Active-LOW). These inputs are associated with
individual UART channels A through D. A logic 0 on this pin indicates
that a carrier has been detected by the modem for that channel.
CS
16
-
-
I
Chip Select (Active-LOW). In the 68 mode, this pin functions as a
multiple channel chip enable. In this case, all four UARTs (A-D) are
enabled when the CS pin is a logic 0. An individual UART channel is
selected by the data contents of address bits A3-A4. when the
16 mode is selected (68-pin devices), this pin functions as CSA (see
definition under CSA, CSB).
CSA, CSB,
CSC, CSD
16, 20,
50, 54
7, 11,
38, 42
28, 33,
68, 73
I
Chip Select A, B, C, D (Active-LOW). This function is associated
with the 16 mode only, and for individual channels ‘A’ through ‘D’.
When in 16 mode, these pins enable data transfers between the user
CPU and the SC16C554/554D for the channel(s) addressed.
Individual UART sections (A, B, C, D) are addressed by providing a
logic 0 on the respective CSA-CSD pin. When the 68 mode is
selected, the functions of these pins are re-assigned. 68 mode
functions are described under their respective name/pin headings.
CTSA, CTSB,
CTSC, CTSD
11, 25,
45, 59
2, 16,
33, 47
23, 38,
63, 78
I
Clear to Send (Active-LOW). These inputs are associated with
individual UART channels A through D. A logic 0 on the CTS pin
indicates the modem or data set is ready to accept transmit data from
the SC16C554/554D. Status can be tested by reading MSR[4]. This
pin only affects the transmit or receive operations when Auto CTS
function is enabled via the Enhanced Feature Register EFR[7] for
hardware flow control operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com