| Electronic Components Datasheet Search |
|
SC16C554 Datasheet(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C554 Datasheet(HTML) 33 Page - NXP Semiconductors |
|
33 / 55 page ![]() Philips Semiconductors SC16C554/554D Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder Product data Rev. 05 — 10 May 2004 33 of 55 9397 750 13132 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. [1] Whenever any MSR bit 0-3 is set to logic 1, a Modem Status Interrupt will be generated. 7.9 Scratchpad Register (SPR) The SC16C554/554D provides a temporary data register to store 8 bits of user information. 7.10 Enhanced Feature Register (EFR) Enhanced features are enabled or disabled using this register. Bits 0 through 4 provide single or dual character software flow control selection. When the Xon1 and Xon2 and/or Xoff1 and Xoff2 modes are selected, the double 8-bit words are concatenated into two sequential numbers. 1 MSR[1] ∆DSR [1] Logic 0 = No DSR change (normal default condition). Logic1=The DSR input to the SC16C554/554D has changed state since the last time it was read. A modem Status Interrupt will be generated. 0 MSR[0] ∆CTS [1] Logic 0 = No CTS change (normal default condition). Logic 1 = The CTS input to the SC16C554/554D has changed state since the last time it was read. A modem Status Interrupt will be generated. Table 20: Modem Status Register bits description…continued Bit Symbol Description Table 21: Enhanced Feature Register bits description Bit Symbol Description 7 EFR[7] Auto CTS. Automatic CTS Flow Control. Logic 0 = Automatic CTS flow control is disabled (normal default condition). Logic 1 = Enable Automatic CTS flow control. Transmission will stop when CTS goes to a logical 1. Transmission will resume when the CTS pin returns to a logical 0. 6 EFR[6] Auto RTS. Automatic RTS may be used for hardware flow control by enabling EFR[6]. When Auto RTS is selected, an interrupt will be generated when the receive FIFO is filled to the programmed trigger level and RTS will go to a logic 1 at the next trigger level. RTS will return to a logic 0 when data is unloaded below the next lower trigger level. The state of this register bit changes with the status of the hardware flow control. RTS functions normally when hardware flow control is disabled. Logic 0 = Automatic RTS flow control is disabled (normal default condition). Logic 1 = Enable Automatic RTS flow control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |