Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC16C554 Datasheet HTML 1Page - NXP Semiconductors SC16C554 Datasheet HTML 2Page - NXP Semiconductors SC16C554 Datasheet HTML 3Page - NXP Semiconductors SC16C554 Datasheet HTML 4Page - NXP Semiconductors SC16C554 Datasheet HTML 5Page - NXP Semiconductors SC16C554 Datasheet HTML 6Page - NXP Semiconductors SC16C554 Datasheet HTML 7Page - NXP Semiconductors SC16C554 Datasheet HTML 8Page - NXP Semiconductors SC16C554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA)
encoder/decoder
Rev. 05 — 10 May 2004
Product data
1.
Description
The SC16C554/554D is a 4-channel Universal Asynchronous Receiver and
Transmitter (QUART) used for serial data communications. Its principal function is to
convert parallel data into serial data and vice versa. The UART can handle serial data
rates up to 5 Mbit/s. It comes with an Intel or Motorola interface.
The SC16C554/554D is pin compatible with the ST16C554 and TL16C554 and it will
power-up to be functionally equivalent to the 16C454. Programming of control
registers enables the added features of the SC16C554/554D. Some of these added
features are the 16-byte receive and transmit FIFOs, automatic hardware or software
flow control and Infrared encoding/decoding. The selectable auto-flow control feature
significantly reduces software overload and increases system efficiency while in FIFO
mode by automatically controlling serial data flow using RTS output and CTS input
signals. The SC16C554/554D also provides DMA mode data transfers through FIFO
trigger levels and the TXRDY and RXRDY signals. On-board status registers provide
the user with error indications, operational status, and modem interface control.
System interrupts may be tailored to meet user requirements. An internal loop-back
capability allows on-board diagnostics.
The SC16C554/554D operates at 5 V, 3.3 V and 2.5 V, and the industrial temperature
range, and is available in plastic PLCC68, LQFP64, and LQFP80 packages.
2.
Features
s 5 V, 3.3 V and 2.5 V operation
s Industrial temperature range
s The SC16C554/554D is pin compatible with the industry-standard
ST16C454/554, ST68C454/554, ST16C554, TL16C554
s Up to 5 Mbit/s data rate at 5 V and 3.3 V, and 3 Mbit/s at 2.5 V
s 16-byte transmit FIFO
s 16-byte receive FIFO with error flags
s Automatic software/hardware flow control
s Programmable Xon/Xoff characters
s Software selectable Baud Rate Generator
s Four selectable Receive FIFO interrupt trigger levels
s Standard modem interface or infrared IrDA encoder/decoder interface
s Sleep mode
s Standard asynchronous error and framing bits (Start, Stop, and Parity Overrun
Break)
s Transmit, Receive, Line Status, and Data Set interrupts independently controlled


Similar Part No. - SC16C554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB64 PHILIPS-SC16C554BIB64 Datasheet
253Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB64 NXP-SC16C554BIB64 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554BIB64 NXP-SC16C554BIB64 Datasheet
1Mb / 58P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554BIB80 PHILIPS-SC16C554BIB80 Datasheet
253Kb / 51P
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
More results

Similar Description - SC16C554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
logo
Exar Corporation
ST16654 EXAR-ST16654 Datasheet
444Kb / 49P
QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650B PHILIPS-SC16C650B Datasheet
881Kb / 51P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-10 December 2004
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650B NXP-SC16C650B Datasheet
251Kb / 48P
5 V, 3.3 V and 2.5 V UART with 32-byte FIFOs and infrared (IrDA) encoder/decoder
Rev. 04-14 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com