Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 7Page - NXP Semiconductors SC16C554 Datasheet HTML 8Page - NXP Semiconductors SC16C554 Datasheet HTML 9Page - NXP Semiconductors SC16C554 Datasheet HTML 10Page - NXP Semiconductors SC16C554 Datasheet HTML 11Page - NXP Semiconductors SC16C554 Datasheet HTML 12Page - NXP Semiconductors SC16C554 Datasheet HTML 13Page - NXP Semiconductors SC16C554 Datasheet HTML 14Page - NXP Semiconductors SC16C554 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
11 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
IOW
18
9
31
I
Input/Output Write strobe (Active-LOW). This function is
associated with the 16 mode only. A logic 0 transition on this pin will
transfer the contents of the data bus (D0-D7) from the external CPU
to an internal register that is defined by address bits A0-A2. When
the 68 mode is selected, this pin functions as R/W (see definition
under R/W).
IRQ
15
-
-
O
Interrupt Request or Interrupt ‘A’. This function is associated with
the 68 mode only. In the 68 mode, interrupts from UART channels
A-D are wire-ORed internally to function as a single IRQ interrupt.
This pin transitions to a logic 0 (if enabled by the interrupt enable
register) whenever a UART channel(s) requires service. Individual
channel interrupt status can be determined by addressing each
channel through its associated internal register, using CS and A3-A4.
In the 68 mode, and external pull-up resistor must be connected
between this pin and VCC. The function of this pin changes to INTA
when operating in the 16 mode (see definition under INTA).
n.c.
21, 49,
52, 54,
55, 65
-
1, 10,
20, 21,
30, 40,
41, 49,
52, 60,
61, 71,
80
-
Not connected.
RESET
(RESET)
37
27
53
I
Reset. In the 16 mode, a logic 1 on this pin will reset the internal
registers and all the outputs. The UART transmitter output and the
receiver input will be disabled during reset time. (See Section 7.11
“SC16C554/554D external reset conditions” for initialization details.)
When 16/68 is a logic 0 (68 mode), this pin functions similarly, but as
an inverted reset interface signal, RESET.
RIA, RIB,
RIC, RID
8, 28,
42, 62
63, 19,
30, 50
18, 43,
58, 3
I
Ring Indicator (Active-LOW). These inputs are associated with
individual UART channels, A through D. A logic 0 on this pin indicates
the modem has received a ringing signal from the telephone line. A
logic 1 transition on this input pin will generate an interrupt.
RTSA, RTSB,
RTSC, RTSD
14, 22,
48, 56
5, 13,
36, 44
26, 35,
66, 75
O
Request to Send (Active-LOW). These outputs are associated with
individual UART channels, A through D. A logic 0 on the RTS pin
indicates the transmitter has data ready and waiting to send. Writing
a logic 1 in the modem control register MCR[1] will set this pin to a
logic 0, indicating data is available. After a reset this pin will be set to
a logic 1. This pin only affects the transmit and receive operations
when Auto RTS function is enabled via the Enhanced Feature
Register (EFR[6]) for hardware flow control operation.
R/W18
-
-
I
Read/Write strobe. This function is associated with the 68 mode
only. This pin provides the combined functions for Read or Write
strobes.
Logic 1 = Read from UART register selected by CS and A0-A4.
Logic 0 = Write to UART register selected by CS and A0-A4.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
PLCC68 LQFP64 LQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com