Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 14Page - NXP Semiconductors SC16C554 Datasheet HTML 15Page - NXP Semiconductors SC16C554 Datasheet HTML 16Page - NXP Semiconductors SC16C554 Datasheet HTML 17Page - NXP Semiconductors SC16C554 Datasheet HTML 18Page - NXP Semiconductors SC16C554 Datasheet HTML 19Page - NXP Semiconductors SC16C554 Datasheet HTML 20Page - NXP Semiconductors SC16C554 Datasheet HTML 21Page - NXP Semiconductors SC16C554 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
18 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.10 Programmable baud rate generator
The SC16C554/554D supports high speed modem technologies that have increased
input data rates by employing data compression schemes. For example, a 33.6 kbit/s
modem that employs data compression may require a 115.2 kbit/s input data rate.
A 128.0 kbit/s ISDN modem that supports data compression may need an input
data rate of 460.8 kbit/s.
A single baud rate generator is provided for the transmitter and receiver, allowing
independent TX/RX channel control. The programmable Baud Rate Generator is
capable of accepting an input clock up to 80 MHz (for 3.3 V and 5 V operation), as
required for supporting a 5 Mbit/s data rate. The SC16C554/554D can be configured
for internal or external clock operation. For internal clock oscillator operation, an
industry standard microprocessor crystal (parallel resonant/22-33 pF load) is
connected externally between the XTAL1 and XTAL2 pins (see Figure 7).
Alternatively, an external clock can be connected to the XTAL1 pin to clock the
internal baud rate generator for standard or custom rates (see Table 7).
Programming the Baud Rate Generator Registers DLM (MSB) and DLL (LSB)
provides a user capability for selecting the desired final baud rate.
Fig 7.
Crystal oscillator connection.
Table 7:
Baud rate generator programming table using a 7.3728 MHz clock
Output baud rate
User
16
× clock divisor
DLM
program value
(HEX)
DLL
program value
(HEX)
Decimal
HEX
200
2304
900
09
00
1200
384
180
01
80
2400
192
C0
00
C0
4800
96
60
00
60
9600
48
30
00
30
19.2 k
24
18
00
18
38.4 k
12
0C
00
0C
76.8 k
6
06
00
06
153.6 k
3
03
00
03
230.4 k
2
02
00
02
460.8 k
1
01
00
01
002aaa169
X1
1.8432 MHz
C1
22 pF
C2
47 pF
X1
1.8432 MHz
C1
47 pF
C2
100 pF
1.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com