Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 23Page - NXP Semiconductors SC16C554 Datasheet HTML 24Page - NXP Semiconductors SC16C554 Datasheet HTML 25Page - NXP Semiconductors SC16C554 Datasheet HTML 26Page - NXP Semiconductors SC16C554 Datasheet HTML 27Page - NXP Semiconductors SC16C554 Datasheet HTML 28Page - NXP Semiconductors SC16C554 Datasheet HTML 29Page - NXP Semiconductors SC16C554 Datasheet HTML 30Page - NXP Semiconductors SC16C554 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
27 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.4 Interrupt Status Register (ISR)
The SC16C554/554D provides six levels of prioritized interrupts to minimize external
software interaction. The Interrupt Status Register (ISR) provides the user with six
interrupt status bits. Performing a read cycle on the ISR will provide the user with the
highest pending interrupt level to be serviced. No other interrupts are acknowledged
until the pending interrupt is serviced. Whenever the interrupt status register is read,
the interrupt status is cleared. However, it should be noted that only the current
pending interrupt is cleared by the read. A lower level interrupt may be seen after
re-reading the interrupt status bits. Table 12 “Interrupt source” shows the data values
(bits 0-5) for the six prioritized interrupt levels and the interrupt sources associated
with each of these interrupt levels.
Table 12:
Interrupt source
Priority
level
ISR[5]
ISR[4]
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
0
00110LSR (Receiver Line Status
Register)
2
0
00100
RXRDY (Received Data
Ready)
2
0
01100
RXRDY (Receive Data
time-out)
3
0
00010
TXRDY (Transmitter
Holding Register Empty)
4
0
00000
MSR (Modem Status
Register)
5
0
10000
RXRDY (Received Xoff
signal) / Special character
6
1
00000CTS, RTS change of state
Table 13:
Interrupt Status Register bits description
Bit
Symbol
Description
7:6
ISR[7:6]
FIFOs enabled. These bits are set to a logic 0 when the FIFO is
not being used. They are set to a logic 1 when the FIFOs are
enabled.
Logic 0 or cleared = default condition.
5:4
ISR[5:4]
INT priority bits 4-3. These bits are enabled when EFR[4] is set to
a logic 1. ISR[4] indicates that matching Xoff character(s) have
been detected. ISR[5] indicates that CTS, RTS have been
generated. Note that once set to a logic 1, the ISR[4] bit will stay a
logic 1 until Xon character(s) are received.
Logic 0 or cleared = default condition.
3:1
ISR[3:1]
INT priority bits 2-0. These bits indicate the source for a pending
interrupt at interrupt priority levels 1, 2, and 3 (see Table 12).
Logic 0 or cleared = default condition.
0
ISR[0]
INT status.
Logic 0 = An interrupt is pending and the ISR contents may be
used as a pointer to the appropriate interrupt service routine.
Logic 1 = No interrupt pending (normal default condition).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com