Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 20Page - NXP Semiconductors SC16C554 Datasheet HTML 21Page - NXP Semiconductors SC16C554 Datasheet HTML 22Page - NXP Semiconductors SC16C554 Datasheet HTML 23Page - NXP Semiconductors SC16C554 Datasheet HTML 24Page - NXP Semiconductors SC16C554 Datasheet HTML 25Page - NXP Semiconductors SC16C554 Datasheet HTML 26Page - NXP Semiconductors SC16C554 Datasheet HTML 27Page - NXP Semiconductors SC16C554 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
24 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.2.1
IER versus Receive FIFO interrupt mode operation
When the receive FIFO (FCR[0] = logic 1), and receive interrupts (IER[0] = logic 1)
are enabled, the receive interrupts and register status will reflect the following:
• The receive data available interrupts are issued to the external CPU when the
FIFO has reached the programmed trigger level. It will be cleared when the FIFO
drops below the programmed trigger level.
• FIFO status will also be reflected in the user accessible ISR register when the
FIFO trigger level is reached. Both the ISR register status bit and the interrupt will
be cleared when the FIFO drops below the trigger level.
• The data ready bit (LSR[0]) is set as soon as a character is transferred from the
shift register to the receive FIFO. It is reset when the FIFO is empty.
7.2.2
IER versus Receive/Transmit FIFO polled mode operation
When FCR[0] = logic 1, resetting IER[0:3] enables the SC16C554/554D in the FIFO
polled mode of operation. Since the receiver and transmitter have separate bits in the
LSR, either or both can be used in the polled mode by selecting respective transmit or
receive control bit(s).
• LSR[0] will be a logic 1 as long as there is one byte in the receive FIFO.
• LSR[1:4] will provide the type of errors encountered, if any.
• LSR[5] will indicate when the transmit FIFO is empty.
• LSR[6] will indicate when both the transmit FIFO and transmit shift register are
empty.
• LSR[7] will indicate any FIFO data errors.
2
IER[2]
Receive Line Status interrupt.
Logic 0 = Disable the receiver line status interrupt (normal default
condition).
Logic 1 = Enable the receiver line status interrupt.
1
IER[1]
Transmit Holding Register interrupt. This interrupt will be issued whenever
the THR is empty, and is associated with LSR[1].
Logic 0 = Disable the transmitter empty interrupt (normal default
condition).
Logic 1 = Enable the transmitter empty interrupt.
0
IER[0]
Receive Holding Register interrupt. This interrupt will be issued when the
FIFO has reached the programmed trigger level, or is cleared when the
FIFO drops below the trigger level in the FIFO mode of operation.
Logic 0 = Disable the receiver ready interrupt (normal default condition).
Logic 1 = Enable the receiver ready interrupt.
Table 9:
Interrupt Enable Register bits description…continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com