Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 8Page - NXP Semiconductors SC16C554 Datasheet HTML 9Page - NXP Semiconductors SC16C554 Datasheet HTML 10Page - NXP Semiconductors SC16C554 Datasheet HTML 11Page - NXP Semiconductors SC16C554 Datasheet HTML 12Page - NXP Semiconductors SC16C554 Datasheet HTML 13Page - NXP Semiconductors SC16C554 Datasheet HTML 14Page - NXP Semiconductors SC16C554 Datasheet HTML 15Page - NXP Semiconductors SC16C554 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
12 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
RXA, RXB,
RXC, RXD
7, 29,
41, 63
62, 20,
29, 51
17, 44,
57, 4
I
Receive data input RXA-RXD. These inputs are associated with
individual serial channel data to the SC16C554/554D. The RX signal
will be a logic 1 during reset, idle (no data), or when the transmitter is
disabled. During the local loop-back mode, the RX input pin is
disabled and TX data is connected to the UART RX input internally.
RXRDY
38
-
54
O
Receive Ready (Active-LOW). RXRDY contains the wire-ORed
status of all four receive channel FIFOs, RXRDYA-RXRDYD. A
logic 0 indicates receive data ready status, i.e., the RHR is full, or the
FIFO has one or more RX characters available for unloading. This
pin goes to a logic 1 when the FIFO/RHR is empty, or when there are
no more characters available in either the FIFO or RHR. Individual
channel RX status is read by examining individual internal registers
via CS and A0-A4 pin functions.
TXA, TXB,
TXC, TXD
17, 19,
51, 53
8, 10,
39, 41
29, 32,
69, 72
O
Transmit data A, B, C, D. These outputs are associated with
individual serial transmit channel data from the SC16C554/554D.
The TX signal will be a logic 1 during reset, idle (no data), or when
the transmitter is disabled. During the local loop-back mode, the TX
output pin is disabled and TX data is internally connected to the
UART RX input.
TXRDY
39
-
55
O
Transmit Ready (Active-LOW). TXRDY contains the wire-ORed
status of all four transmit channel FIFOs, TXRDYA-TXRDYD. A
logic 0 indicates a buffer ready status, i.e., at least one location is
empty and available in one of the TX channels (A-D). This pin goes to
a logic 1 when all four channels have no more empty locations in the
TX FIFO or THR. Individual channel TX status can be read by
examining individual internal registers via CS and A0-A4 pin
functions.
VCC
13, 30,
47, 64
4, 21,
35, 52
5, 25,
45, 65
I
Power supply inputs.
XTAL1
35
25
50
I
Crystal or external clock input. Functions as a crystal input or as
an external clock input. A crystal can be connected between this pin
and XTAL2 to form an internal oscillator circuit (see Figure 7).
Alternatively, an external clock can be connected to this pin to
provide custom data rates. (See Section 6.10 “Programmable baud
rate generator”.)
XTAL2
36
26
51
O
Output of the crystal oscillator or buffered clock. (See also
XTAL1.) Crystal oscillator output or buffered clock output.
Table 2:
Pin description…continued
Symbol
Pin
Type
Description
PLCC68 LQFP64 LQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com