Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 24Page - NXP Semiconductors SC16C554 Datasheet HTML 25Page - NXP Semiconductors SC16C554 Datasheet HTML 26Page - NXP Semiconductors SC16C554 Datasheet HTML 27Page - NXP Semiconductors SC16C554 Datasheet HTML 28Page - NXP Semiconductors SC16C554 Datasheet HTML 29Page - NXP Semiconductors SC16C554 Datasheet HTML 30Page - NXP Semiconductors SC16C554 Datasheet HTML 31Page - NXP Semiconductors SC16C554 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
28 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.5 Line Control Register (LCR)
The Line Control Register is used to specify the asynchronous data communication
format. The word length, the number of stop bits, and the parity are selected by
writing the appropriate bits in this register.
Table 14:
Line Control Register bits description
Bit
Symbol
Description
7
LCR[7]
Divisor latch enable. The internal baud rate counter latch and
Enhance Feature mode enable.
Logic 0 = Divisor latch disabled (normal default condition).
Logic 1 = Divisor latch and enhanced feature register enabled.
6
LCR[6]
Set break. When enabled, the Break control bit causes a break
condition to be transmitted (the TX output is forced to a logic 0
state). This condition exists until disabled by setting LCR[6] to a
logic 0.
Logic 0 = no TX break condition (normal default condition).
Logic 1 = forces the transmitter output (TX) to a logic 0 for
alerting the remote receiver to a line break condition.
5
LCR[5]
Set parity. If the parity bit is enabled, LCR[5] selects the forced
parity format. Programs the parity conditions (see Table 15).
Logic 0 = parity is not forced (normal default condition).
LCR[5] = logic 1 and LCR[4] = logic 0: parity bit is forced to a
logical 1 for the transmit and receive data.
LCR[5] = logic 1 and LCR[4] = logic 1: parity bit is forced to a
logical 0 for the transmit and receive data.
4
LCR[4]
Even parity. If the parity bit is enabled with LCR[3] set to a logic 1,
LCR[4] selects the even or odd parity format.
Logic 0 = ODD Parity is generated by forcing an odd number of
logic 1s in the transmitted data. The receiver must be
programmed to check the same format (normal default
condition).
Logic 1 = EVEN Parity is generated by forcing an even number
of logic 1s in the transmitted data. The receiver must be
programmed to check the same format.
3
LCR[3]
Parity enable. Parity or no parity can be selected via this bit.
Logic 0 = no parity (normal default condition).
Logic 1 = a parity bit is generated during the transmission,
receiver checks the data and parity for transmission errors.
2
LCR[2]
Stop bits. The length of stop bit is specified by this bit in
conjunction with the programmed word length (see Table 16).
Logic 0 or cleared = default condition.
1:0
LCR[1:0]
Word length bits 1, 0. These two bits specify the word length to be
transmitted or received (see Table 17).
Logic 0 or cleared = default condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com