Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 34Page - NXP Semiconductors SC16C554 Datasheet HTML 35Page - NXP Semiconductors SC16C554 Datasheet HTML 36Page - NXP Semiconductors SC16C554 Datasheet HTML 37Page - NXP Semiconductors SC16C554 Datasheet HTML 38Page - NXP Semiconductors SC16C554 Datasheet HTML 39Page - NXP Semiconductors SC16C554 Datasheet HTML 40Page - NXP Semiconductors SC16C554 Datasheet HTML 41Page - NXP Semiconductors SC16C554 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
38 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Applies to external clock, crystal oscillator max 24 MHz.
[2]
= 333 ns (for Baudratemax = 1.5 Mbit/s)
= 1
µs (for Baudratemax = 460.8 kbit/s)
= 4
µs (for Baudrate
max = 115.2 kbit/s)
[3]
When in both DMA mode 0 and FIFO enable mode, the write cycle delay should be larger than one x1, clock cycle.
10.1 Timing diagrams
t32d
write cycle delay
[3]
25
-
25
-
20
-
ns
t33s
data set-up time
20
-
15
-
15
-
ns
t33h
data hold time
15
-
5
-
5
-
ns
tRESET
Reset pulse width
200
-
40
-
40
-
ns
N
baud rate divisor
1
216
− 11
216
− 11
216
− 1R
clk
Table 27:
AC electrical characteristics…continued
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V or 5.0 V ± 10%, unless otherwise specified.
Symbol
Parameter
Conditions
2.5 V
3.3 V
5.0 V
Unit
Min
Max
Min
Max
Min
Max
IOWstrobemax
1
2 Baudrate
max
()
--------------------------------------
=
Fig 10. General read timing in 68 mode.
002aaa210
t30s
t31h
A0–A4
CS
R/W
D0–D7
t31d
t30w
t30d
t30h
t32s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com