Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 27Page - NXP Semiconductors SC16C554 Datasheet HTML 28Page - NXP Semiconductors SC16C554 Datasheet HTML 29Page - NXP Semiconductors SC16C554 Datasheet HTML 30Page - NXP Semiconductors SC16C554 Datasheet HTML 31Page - NXP Semiconductors SC16C554 Datasheet HTML 32Page - NXP Semiconductors SC16C554 Datasheet HTML 33Page - NXP Semiconductors SC16C554 Datasheet HTML 34Page - NXP Semiconductors SC16C554 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
31 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.7 Line Status Register (LSR)
This register provides the status of data transfers between the SC16C554/554D and
the CPU.
Table 19:
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
Logic 0 = No error (normal default condition).
Logic 1 = At least one parity error, framing error or break indication is in
the current FIFO data. This bit is cleared when LSR register is read.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator. This bit is
set to a logic 1 whenever the transmit holding register and the transmit
shift register are both empty. It is reset to logic 0 whenever either the THR
or TSR contains a data character. In the FIFO mode, this bit is set to ‘1’
whenever the transmit FIFO and transmit shift register are both empty.
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty indicator.
This bit indicates that the UART is ready to accept a new character for
transmission. In addition, this bit causes the UART to issue an interrupt to
CPU when the THR interrupt enable is set. The THR bit is set to a logic 1
when a character is transferred from the transmit holding register into the
transmitter shift register. The bit is reset to a logic 0 concurrently with the
loading of the transmitter holding register by the CPU. In the FIFO mode,
this bit is set when the transmit FIFO is empty; it is cleared when at least
1 byte is written to the transmit FIFO.
4
LSR[4]
Break interrupt.
Logic 0 = No break condition (normal default condition).
Logic 1 = The receiver received a break signal (RX was a logic 0 for
one character frame time). In the FIFO mode, only one break character
is loaded into the FIFO.
3
LSR[3]
Framing error.
Logic 0 = No framing error (normal default condition).
Logic 1 = Framing error. The receive character did not have a valid stop
bit(s). In the FIFO mode, this error is associated with the character at
the top of the FIFO.
2
LSR[2]
Parity error.
Logic 0 = No parity error (normal default condition).
Logic 1 = Parity error. The receive character does not have correct
parity information and is suspect. In the FIFO mode, this error is
associated with the character at the top of the FIFO.
1
LSR[1]
Overrun error.
Logic 0 = No overrun error (normal default condition).
Logic1=Overrun error. A data overrun error occurred in the receive
shift register. This happens when additional data arrives while the FIFO
is full. In this case, the previous data in the shift register is overwritten.
Note that under this condition, the data byte in the receive shift register
is not transferred into the FIFO, therefore the data in the FIFO is not
corrupted by the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com