Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 26Page - NXP Semiconductors SC16C554 Datasheet HTML 27Page - NXP Semiconductors SC16C554 Datasheet HTML 28Page - NXP Semiconductors SC16C554 Datasheet HTML 29Page - NXP Semiconductors SC16C554 Datasheet HTML 30Page - NXP Semiconductors SC16C554 Datasheet HTML 31Page - NXP Semiconductors SC16C554 Datasheet HTML 32Page - NXP Semiconductors SC16C554 Datasheet HTML 33Page - NXP Semiconductors SC16C554 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
30 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7.6 Modem Control Register (MCR)
This register controls the interface with the modem or a peripheral device.
Table 18:
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7]
Reserved; set to 0.
6
MCR[6]
IR enable.
Logic 0 = Enable the standard modem receive and transmit
input/output interface (normal default condition).
Logic 1 = Enable infrared IrDA receive and transmit inputs/outputs.
While in this mode, the TX/RX output/inputs are routed to the
infrared encoder/decoder. The data input and output levels will
conform to the IrDA infrared interface requirement. As such, while
in this mode, the infrared TX output will be a logic 0 during idle data
conditions.
5
MCR[5]
Reserved; set to 0.
4
MCR[4]
Loop-back. Enable the local loop-back mode (diagnostics). In this
mode the transmitter output (TX) and the receiver input (RX), CTS,
DSR, CD, and RI are disconnected from the SC16C554/554D I/O
pins. Internally the modem data and control pins are connected into a
loop-back data configuration (see Figure 8). In this mode, the receiver
and transmitter interrupts remain fully operational. The Modem
Control Interrupts are also operational, but the interrupts’ sources are
switched to the lower four bits of the Modem Control. Interrupts
continue to be controlled by the IER register.
Logic 0 = Disable loop-back mode (normal default condition).
Logic 1 = Enable local loop-back mode (diagnostics).
3
MCR[3]
OP2, INTx enable. Used to control the modem CD signal in the
loop-back mode.
Logic 0 = Forces INTA-INTD outputs to the 3-State mode during
the 16 mode (normal default condition). In the loop-back mode,
sets OP2 (CD) internally to a logic 1.
Logic 1 = Forces the INTA-INTD outputs to the active mode during
the 16 mode. In the loop-back mode, sets OP2 (CD) internally to a
logic 0.
2
MCR[2]
OP1. This bit is used in the Loop-back mode only. In the loop-back
mode, this bit is used to write the state of the modem RI interface
signal via OP1.
1
MCR[1]
RTS
Logic 0 = Force RTS output to a logic 1 (normal default condition).
Logic 1 = Force RTS output to a logic 0.
Automatic RTS may be used for hardware flow control by enabling
EFR[6]. See Table 21.
0
MCR[0]
DTR
Logic 0 = Force DTR output to a logic 1 (normal default condition).
Logic 1 = Force DTR output to a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com