Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 10Page - NXP Semiconductors SC16C554 Datasheet HTML 11Page - NXP Semiconductors SC16C554 Datasheet HTML 12Page - NXP Semiconductors SC16C554 Datasheet HTML 13Page - NXP Semiconductors SC16C554 Datasheet HTML 14Page - NXP Semiconductors SC16C554 Datasheet HTML 15Page - NXP Semiconductors SC16C554 Datasheet HTML 16Page - NXP Semiconductors SC16C554 Datasheet HTML 17Page - NXP Semiconductors SC16C554 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
14 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.1 Interface options
Two user interface modes are selectable for the PLCC68 package. These interface
modes are designated as the ‘16 mode’ and the ‘68 mode’. This nomenclature
corresponds to the early 16C454/554 and 68C454/554 package interfaces
respectively.
6.2 The 16 mode interface
The 16 mode configures the package interface pins for connection as a standard
16 series (Intel) device and operates similar to the standard CPU interface available
on the 16C454/554. In the 16 mode (pin 16/68 = logic 1), each UART is selected with
individual chip select (CSx) pins, as shown in Table 3.
6.3 The 68 mode interface
The 68 mode configures the package interface pins for connection with Motorola, and
other popular microprocessor bus types. The interface operates similar to the
68C454/554. In this mode, the SC16C554/554D decodes two additional addresses,
A3-A4, to select one of the four UART ports. The A3-A4 address decode function is
used only when in the 68 mode (16/68 = logic 0), and is shown in Table 4.
Table 3:
Serial port channel selection, 16 mode interface
CSA
CSB
CSC
CSD
UART channel
1111
none
0111A
1011B
1101C
1110D
Table 4:
Serial port channel selection, 68 mode interface
CS
A4
A3
UART channel
1
n/a
n/a
none
000A
001B
010C
011D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com