Electronic Components Datasheet Search
  English  ▼

X  

SC16C554 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 22Page - NXP Semiconductors SC16C554 Datasheet HTML 23Page - NXP Semiconductors SC16C554 Datasheet HTML 24Page - NXP Semiconductors SC16C554 Datasheet HTML 25Page - NXP Semiconductors SC16C554 Datasheet HTML 26Page - NXP Semiconductors SC16C554 Datasheet HTML 27Page - NXP Semiconductors SC16C554 Datasheet HTML 28Page - NXP Semiconductors SC16C554 Datasheet HTML 29Page - NXP Semiconductors SC16C554 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
26 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Transmit operation in mode ‘1’: When the SC16C554/554D is in FIFO
mode (FCR[0] = logic 1; FCR[3] = logic 1), the TXRDY pin will be a
logic 1 when the transmit FIFO is completely full. It will be a logic 0 if one
or more FIFO locations are empty.
Receive operation in mode ‘1’: When the SC16C554/554D is in FIFO
mode (FCR[0] = logic 1; FCR[3] = logic 1) and the trigger level has been
reached, or a Receive Time-Out has occurred, the RXRDY pin will go to
a logic 0. Once activated, it will go to a logic 1 after there are no more
characters in the FIFO.
2
FCR[2]
XMIT FIFO reset.
Logic 0 = No FIFO transmit reset (normal default condition).
Logic 1 = Clears the contents of the transmit FIFO and resets the
FIFO counter logic (the transmit shift register is not cleared or
altered). This bit will return to a logic 0 after clearing the FIFO.
1
FCR[1]
RCVR FIFO reset.
Logic 0 = No FIFO receive reset (normal default condition).
Logic 1 = Clears the contents of the receive FIFO and resets the FIFO
counter logic (the receive shift register is not cleared or altered). This
bit will return to a logic 0 after clearing the FIFO.
0
FCR[0]
FIFO enable.
Logic 0 = Disable the transmit and receive FIFO (normal default
condition).
Logic 1 = Enable the transmit and receive FIFO. This bit must be a
‘1’ when other FCR bits are written to, or they will not be
programmed.
Table 11:
RCVR trigger levels
FCR[7]
FCR[6]
RX FIFO trigger level
001
014
108
1114
Table 10:
FIFO Control Register bits description…continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com