Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 141 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 141 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 141Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 142Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 143Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 145Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
141/154
●Transition from SLEEP to IDLE
*1: When setting XTAL_EN([CLK_SET2: B0 0x03(4)])=0b1, it is possible to adjust to 10/50/250/500μs , by
setting [ADC_CLK_SET: B1 0x08(6-5)]. α is oscillation cuircuits start-up time, and max. is 500μs.
When using TCXO (TCXO_EN([CLK_SET2:B0 0x03(6)])=0b1), clock stabilization time is 5μs.
*2: [VCO_CAL_START:B0 0x6F] and [SET_TRX:B0 0x0B] registers access is possible, but process is pending
until REG_WAIT_DONE is asserted.
50μs +α *1
OSC/Reg enable
Clock stabilization time
REG_WAIT_DONE
1125μs *2
RFoperation
possible
INT[0] (CLK stabilized complete)
[INT_SOURCE_GRP1: B0 0x0D]
SLEEP_EN
[SLEEPWU_SET: B0 0x2D]
SLEEP_EN=0b0
setting
Regulator stabilization time
Sleep mode1: Register access possible
Sleep mode2: Register & FIFO access possible
Resisters and FIFOs
access possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com