Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 137 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 137 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 141Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
137/154
●TX
*1 : When TXDONE_MODE[1:0]([RF_STATUS_CTRL: B0 0x0A(1-0)]) = 0b00(default), SET_TRX[3:0]
([RF_STATUS: B0 0x0B(3-0)]) will be set to 0x8(TRX_OFF) automatically, upon detection of TX
completion.
*2 : Data TX time calculation is as follows:
Data TX time [sec] = (number of TX bits+3)×1bit TX duration time[sec]
1bit TX duration time [sec] = 1/data rate [bps]
*3 : When setting TXDIO_CTRL[1:0]([DIO_SET: B0 0x0C(5-4)])=0b01.
0x8(TRX_OFF)
Air
SCEN
FIFO write
TX_ON
command
INT[17]
(TX Data request accept completion)
[INT_SOURCE_GRP3: B0 0x0F]
0x8(TRX_OFF)
SET_TRX[3:0]
[RF_STATUS: B0 0x0B]
GET_TRX[3:0]
[RF_STATUS: B0 0x0B]
INT[3]
(RF state transition completion)
[INT_SOURCE_GRP1: B0 0x0D]
INT[16]
(TX completion)
[INT_SOURCE_GRP3: B0 0x0F]
1406μs
PA_ON
1271μs
DCLK output (*3)
0x9(TX_ON)
TX completion
interrupt *1
Data TX time *2
INT[3] clear
command
0x9(TX_ON)
0x8(TRX_OFF)
0x8(TRX_OFF)
147μs
143μs
0.4 bit time
(at 100kbps, 4μs)
TX_ON
1222
μs
144
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com