Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 134 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 134 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
134/154
○RX
During RX, if PLL unlock is detected, PLL unlock interrupt (INT[2] group1) will be generated. During RX,
even if PLL unlock is detected, RX state is maintained (do not move to IDLE state). Please receive next packet
after clearing PLL unlock interrupt.
When PLL unlock interrupt occurs frequently, PLL unlock cause mitgh be due to the mismatch of the VCO
circuit and using frequency band. Please use after removing the cause by circuit verification.
START
No
Next packet to be received?
Yes
PLL unlock (INT[2])?
[INT_SOURCE_GRP1:B0 0x0D (2)]
Normal RX
(To RX flowchart)
No
Yes
END
INT[2] clear
[INT_SOURCE_GRP1:B0 0x0D(2)]
RX_ON issue
[RF_STATUS:B0 0x0B]
Force_TRX_OFF issue
[RF_STATUS:B0 0x0B]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com