Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 136 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 136 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 138Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 139Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
136/154
■Timing Chart
The followings are operation timing for major functions.
NOTE: Bold characters indicate pins related signals. Non bold characters indicate internal signals.
●Start-up
*1 : For wake-up timing of VDD and RESETN, please refer to the “Reset characteristics”.
*2 : When setting XTAL_EN(CLK_SET2:B0 0x03(4)))=0b1, it is possible to adjust to 10/50/250/500 μs, by
setting OSC_W_SEL[1:0]([ADC_CLK_SET: B1 0x08(6-5)]).
When using TCXO (TCXO_EN([CLK_SET2:B0 0x03(6)])=0b1), clock stabilization time is 5.5μs.
*3 : [VCO_CAL_START:B0 0x6F] and [RF_STATUS:B0 0x0B] resister access is possible, but process is
pending until REG_WAIT_DONE is asserted.
50μs *2
RESETN
OSC/Reg enable
VDD
500μs *1
Clock stabilization time
Regulator voltage wake up time
REG_WAIT_DONE
SPI access
prohibited
RF operation
possible
INT[0]
(CLK stabilized completion)
[INT_SOURCE_GRP1: B0 0x0D]
BANK0, 1 & 3
Access possible
All BANK&FIFO
Access possible
Regulator stabilization time
625μs *3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com