Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 152 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 152 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 152 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
152/154
■Revision History
Page
Document
No.
Date
Previous
Edition
Current
Edition
Description
FEDL7344C/E/J-01
July 8, 2013
–
–
Initial release
3
3
Correct mistype(100mW TX power consumption)
13
13
Add RX power consumption of ML7344xC.
FEDL7344C/E/J-02
July 9, 2013
21
21
Change figure in DIO interface characteristics.
Initial level of DCLK is modified from L to H.
15
15
Added min. / max. value for TX power
17
17
Added max. value for minimum RX sensitivity.
58
58
Corrected formula of Wake-up timer interval and
continuous operation timer.
81, 96
81, 96
Updated a formula for calculating the ED value.
89, 90
Added typical values for PA adjustments.
98
98
Removed “BPF adjustment”. This is no longer
necessary.
99
98
Added “
RX mode setting.”
132
134
Added TX_ON signal in “TX Timing-chart”
148
150
Added note of LEN_LF_EN[PKT_CTRL1: B0
0x04(5)] and PKT_FORMAT[PKT_CTRL1: B0
0x04(1-0)].
176
178
Corrected formula of wake-up timer interval in
function description.
176
178
Corrected formula of continuous operation timer
interval in function description.
193
195
Corrected function description of EXT_CLK pin
configuration setting (EXTCLK_IO_CFG
[EXTCLK_CTRL: B0 0x52 (2-0)])
194
196
Corrected function description of external setting
EXT_PA_CNT[SPI/EXT_PA_CTRL: B0 0x53(1)]
and EXT_PA_EN[SPI/EXT_PA_CTRL: B0
0x53(0)]
204
207
Added note of LEN_LF_EN[PKT_CTRL1: B0
0x04(5)] and PKT_FORMAT[PKT_CTRL1: B0
0x04(1-0)].
208
211
Added note of CLK_OUT function
FEDL7344C/E/J-03
Apr 15, 2014
144, 239
143, 238
Removed a register [BPF_ADJ: B2 0x10]. BPF
adjustment is no longer necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com