Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 153 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 153 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 153 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
153/154
Page
Document
No.
Date
Previous
Edition
Current
Edition
Description
-
-
Removed SPXO support
12
12
Removed Master Clock Accuracy(ACMCK2)
14
14
Corrected Regulator voltage output when sleep
mode(SUB_REG)
15
15
Corrected Typ. value of TX Power.
18
18
Corrected typ. value of blocking (470MHz
BAND).
70
70
Corrected compensation range of AFC
198
-
Removed a register [IFF_ADJ_H: B0 0x5E]
198
-
Removed a register [IFF_ADJ_L: B0 0x5F]
FEDL7344C/E/J-04
Oct 2, 2014
216
215
Removed registers bit6-4 of [AFC_CTRL: B1 0x15]
9
9
Added description of EXT_CLK pin
88
88
Changed frequency from 32.768kHz to 44kHz in the
example.
-
89-90
Added antenna switching function.
97
97
Modified registers
135
138
Corrected TX-RX transition time in Timing chart
136
139
Corrected RX start-up time in Timing chart
139
142
Corrected RX start-up time and CCA time in Timing
chart
176
179
Added note of RCOSC_MODE[SLEEP/WU_SET:
B0 0x2D(3)]
177
180
Added note of
WUDT_CLK_SET[WUT_CLK_SET: B0
0x2E(7-4)]
-
195
added [2DIV_CTRL: B0 0x48] and [ANT_CTRL:
B0 0x4C]
FEDL7344C/E/J-05
Jan 20, 2015
234
238
added equation for setting value and note of
[DEMOD_SET6: B1 0x5C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com