Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 202 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 202 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 198Page - Dallas Semiconductor DS2155 Datasheet HTML 199Page - Dallas Semiconductor DS2155 Datasheet HTML 200Page - Dallas Semiconductor DS2155 Datasheet HTML 201Page - Dallas Semiconductor DS2155 Datasheet HTML 202Page - Dallas Semiconductor DS2155 Datasheet HTML 203Page - Dallas Semiconductor DS2155 Datasheet HTML 204Page - Dallas Semiconductor DS2155 Datasheet HTML 205Page - Dallas Semiconductor DS2155 Datasheet HTML 206Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 262 page
background image
DS2156
202 of 262
26.3 BERT Register Descriptions
Register Name:
BC1
Register Description:
BERT Control Register 1
Register Address:
E0h
Bit #
7
6
5
4
3
2
1
0
Name
TC
TINV
RINV
PS2
PS1
PS0
LC
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 0/Force Resynchronization (RESYNC). A low-to-high transition forces the receive BERT synchronizer to
resynchronize to the incoming data stream. This bit should be toggled from low to high whenever the host wishes
to acquire synchronization on a new pattern. Must be cleared and set again for a subsequent resynchronization.
Bit 1/Load Bit and Error Counters (LC). A low-to-high transition latches the current bit and error counts into
registers BBC1/BBC2/BBC3/BBC4 and BEC1/BEC2/BEC3 and clears the internal count. This bit should be
toggled from low to high whenever the host wishes to begin a new acquisition period. Must be cleared and set
again for subsequent loads.
Bits 2 to 4/Pattern Select Bits (PS0 to PS2)
PS2 PS1 PS0
Pattern Definition
0
0
0
Pseudorandom 2E7 - 1
0
0
1
Pseudorandom 2E11 - 1
0
1
0
Pseudorandom 2E15 - 1
0
1
1
Pseudorandom pattern QRSS. A 220 - 1 pattern with 14 consecutive zero
restrictions.
1
0
0
Repetitive pattern
1
0
1
Alternating word pattern
1
1
0
Modified 55 octet (Daly) pattern. The Daly pattern is a repeating 55 octet
pattern that is byte-aligned into the active DS0 time slots. The pattern is
defined in an ATIS (Alliance for Telecommunications Industry Solutions)
Committee T1 Technical Report Number 25 (November 1993).
1
1
1
Pseudorandom 2E9 - 1
Bit 5/Receive Invert-Data Enable (RINV)
0 = do not invert the incoming data stream
1 = invert the incoming data stream
Bit 6/Transmit Invert-Data Enable (TINV)
0 = do not invert the outgoing data stream
1 = invert the outgoing data stream
Bit 7/Transmit Pattern Load (TC). A low-to-high transition loads the pattern generator with the pattern that is to
be generated. This bit should be toggled from low to high whenever the host wishes to load a new pattern. Must be
cleared and set again for subsequent loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com