Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 205 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 205 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 201Page - Dallas Semiconductor DS2155 Datasheet HTML 202Page - Dallas Semiconductor DS2155 Datasheet HTML 203Page - Dallas Semiconductor DS2155 Datasheet HTML 204Page - Dallas Semiconductor DS2155 Datasheet HTML 205Page - Dallas Semiconductor DS2155 Datasheet HTML 206Page - Dallas Semiconductor DS2155 Datasheet HTML 207Page - Dallas Semiconductor DS2155 Datasheet HTML 208Page - Dallas Semiconductor DS2155 Datasheet HTML 209Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 262 page
background image
DS2156
205 of 262
Register Name:
IMR9
Register Description:
Interrupt Mask Register 9
Register Address:
27h
Bit #
7
6
5
4
3
2
1
0
Name
—
BBED
BBCO
BEC0
BRA1
BRA0
BRLOS
BSYNC
Default
0
0
0
0
0
0
0
0
Bit 0/BERT in Synchronization Condition (BSYNC)
0 = interrupt masked
1 = interrupt enabled—interrupts on rising and falling edges
Bit 1/Receive Loss-of-Synchronization Condition (BRLOS)
0 = interrupt masked
1 = interrupt enabled—interrupts on rising and falling edges
Bit 2/Receive All-Zeros Condition (BRA0)
0 = interrupt masked
1 = interrupt enabled—interrupts on rising and falling edges
Bit 3/Receive All-Ones Condition (BRA1)
0 = interrupt masked
1 = interrupt enabled—interrupts on rising and falling edges
Bit 4/BERT Error-Counter Overflow Event (BECO)
0 = interrupt masked
1 = interrupt enabled
Bit 5/BERT Bit-Counter Overflow Event (BBCO)
0 = interrupt masked
1 = interrupt enabled
Bit 6/Bit-Error Detected Event (BBED)
0 = interrupt masked
1 = interrupt enabled
BERT Alternating Word-Count Rate. When the BERT is programmed in the alternating word mode, the words
repeat for the count loaded into this register then flip to the other word and again repeat for the number of times
loaded into this register.
Register Name:
BAWC
Register Description:
BERT Alternating Word-Count Rate
Register Address:
DBh
Bit #
7
6
5
4
3
2
1
0
Name
ACNT7 ACNT6
ACNT5
ACNT4
ACNT3
ACNT2
ACNT1
ACNT0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Alternating Word-Count Rate Bits 0 to 7 (ACNT0 to ACNT7). ACNT0 is the LSB of the 8-bit
alternating word-count rate counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com