Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 204 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 204 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 200Page - Dallas Semiconductor DS2155 Datasheet HTML 201Page - Dallas Semiconductor DS2155 Datasheet HTML 202Page - Dallas Semiconductor DS2155 Datasheet HTML 203Page - Dallas Semiconductor DS2155 Datasheet HTML 204Page - Dallas Semiconductor DS2155 Datasheet HTML 205Page - Dallas Semiconductor DS2155 Datasheet HTML 206Page - Dallas Semiconductor DS2155 Datasheet HTML 207Page - Dallas Semiconductor DS2155 Datasheet HTML 208Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 262 page
background image
DS2156
204 of 262
Register Name:
SR9
Register Description:
Status Register 9
Register Address:
26h
Bit #
7
6
5
4
3
2
1
0
Name
—
BBED
BBCO
BEC0
BRA1
BRA0
BRLOS
BSYNC
Default
0
0
0
0
0
0
0
0
Bit 0/BERT in Synchronization Condition (BSYNC). Set when the incoming pattern matches for 32 consecutive
bit positions. Refer to BSYNC in the INFO2 register for a real-time version of this bit. This is a double interrupt bit
(Section 6.2).
Bit 1/BERT Receive Loss-of-Synchronization Condition (BRLOS). A latched bit that is set whenever the
receive BERT begins searching for a pattern. Once synchronization is achieved, this bit remains set until read. This
is a double interrupt bit (Section 6.2).
Bit 2/BERT Receive All-Zeros Condition (BRA0). A latched bit that is set when 32 consecutive 0s are received.
Allowed to be cleared once a 1 is received. This is a double interrupt bit (Section 6.2).
Bit 3/BERT Receive All-Ones Condition (BRA1). A latched bit that is set when 32 consecutive 1s are received.
Allowed to be cleared once a 0 is received. This is a double interrupt bit (Section 6.2).
Bit 4/BERT Error-Counter Overflow (BECO) Event (BECO). A latched bit that is set when the 24-bit BERT
error counter (BEC) overflows. Cleared when read and is not set again until another overflow occurs.
Bit 5/BERT Bit-Counter Overflow Event (BBCO). A latched bit that is set when the 32-bit BERT bit counter
(BBC) overflows. Cleared when read and is not set again until another overflow occurs.
Bit 6/BERT Bit-Error Detected (BED) Event (BBED). A latched bit that is set when a bit error is detected. The
receive BERT must be in synchronization for it to detect bit errors. Cleared when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com