Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 203 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 203 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 199Page - Dallas Semiconductor DS2155 Datasheet HTML 200Page - Dallas Semiconductor DS2155 Datasheet HTML 201Page - Dallas Semiconductor DS2155 Datasheet HTML 202Page - Dallas Semiconductor DS2155 Datasheet HTML 203Page - Dallas Semiconductor DS2155 Datasheet HTML 204Page - Dallas Semiconductor DS2155 Datasheet HTML 205Page - Dallas Semiconductor DS2155 Datasheet HTML 206Page - Dallas Semiconductor DS2155 Datasheet HTML 207Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 262 page
background image
DS2156
203 of 262
Register Name:
BC2
Register Description:
BERT Control Register 2
Register Address:
E1h
Bit #
7
6
5
4
3
2
1
0
Name
EIB2
EIB1
EIB0
SBE
RPL3
RPL2
RPL1
RPL0
Default
0
0
0
0
0
0
0
0
Bits 0 to 3/Repetitive Pattern Length Bit 3 (RPL0 to RPL3). RPL0 is the LSB and RPL3 is the MSB of a nibble
that describes how long the repetitive pattern is. The valid range is 17 (0000) to 32 (1111). These bits are ignored if
the receive BERT is programmed for a pseudorandom pattern. To create repetitive patterns fewer than 17 bits in
length, the user must set the length to an integer number of the desired length that is less than or equal to 32. For
example, to create a 6-bit pattern, the user can set the length to 18 (0001) or to 24 (0111) or to 30 (1101).
Length
(bits)
RPL3
RPL2
RPL1
RPL0
17
0
0
0
0
18
0
0
0
1
19
0
0
1
0
20
0
0
1
1
21
0
1
0
0
22
0
1
0
1
23
0
1
1
0
24
0
1
1
1
25
1
0
0
0
26
1
0
0
1
27
1
0
1
0
28
1
0
1
1
29
1
1
0
0
30
1
1
0
1
31
1
1
1
0
32
1
1
1
1
Bit 4/Single Bit-Error Insert (SBE). A low-to-high transition creates a single-bit error. Must be cleared and set
again for a subsequent bit error to be inserted.
Bits 5 to 7/Error Insert Bits 0 to 2 (EIB0 to EIB2). Automatically inserts bit errors at the prescribed rate into the
generated data pattern. Can be used for verifying error-detection features.
EIB2
EIB1
EIB0
Error Rate Inserted
0
0
0
No errors automatically inserted
0
0
1
10E-1
0
1
0
10E-2
0
1
1
10E-3
1
0
0
10E-4
1
0
1
10E-5
1
1
0
10E-6
1
1
1
10E-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com