Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 222 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 222 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 218Page - Dallas Semiconductor DS2155 Datasheet HTML 219Page - Dallas Semiconductor DS2155 Datasheet HTML 220Page - Dallas Semiconductor DS2155 Datasheet HTML 221Page - Dallas Semiconductor DS2155 Datasheet HTML 222Page - Dallas Semiconductor DS2155 Datasheet HTML 223Page - Dallas Semiconductor DS2155 Datasheet HTML 224Page - Dallas Semiconductor DS2155 Datasheet HTML 225Page - Dallas Semiconductor DS2155 Datasheet HTML 226Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 262 page
background image
DS2156
222 of 262
31.2 UTOPIA Backplane Mode
ATM traffic can be assigned on a fractional basis. See Section 24 for UTOPIA operation.
Register Name:
CCR3
Register Description:
Common Control Register 3
Register Address:
72h
Bit #
7
6
5
4
3
2
1
0
Name
TMSS
INTDIS
CTTUI
CRRUI
TDATFMT
TGPCKEN
RDATFMT
RGPCKEN
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Gapped-Clock Enable (RGPCKEN)
0 = RCHCLK functions normally
1 = enable gapped bit-clock output on RCHCLK
Bit 1/Receive Channel-Data Format (RDATFMT)
0 = 64kbps (data contained in all 8 bits)
1 = 56kbps (data contained in seven out of the 8 bits)
Bit 2/Transmit Gapped-Clock Enable (TGPCKEN)
0 = TCHCLK functions normally
1 = enable gapped bit-clock output on TCHCLK
Bit 3/Transmit Channel-Data Format (TDATFMT)
0 = 64kbps (data contained in all 8 bits)
1 = 56kbps (data contained in seven out of the 8 bits)
Bit 4/Connect RCLK to Receive UTOPIA Interface (CRRUI). This bit selects either a constant clock (RCLK)
or a gapped clock from the framer (programmed by the user) as its data clock.
0 = gated clock is connected to receive UTOPIA interface
1 = RCLK is connected to receive UTOPIA interface
Bit 5/Connect TCLK to Transmit UTOPIA Interface (CTTUI). This bit selects either a constant clock (TCLK)
or a gapped clock from the framer (programmed by the user) as its data clock.
0 = gated clock is connected to transmit UTOPIA interface
1 = TCLK is connected to transmit UTOPIA interface
Bit 6/Interrupt Disable (INTDIS). This bit is convenient for disabling interrupts without altering the various
interrupt mask register settings.
0 = interrupts are enabled according to the various mask register settings
1 = interrupts are disabled regardless of the mask register settings
Bit 7/Transmit Multiframe Sync Source (TMSS). Should be set = 0 only when transmit hardware signaling is
enabled.
0 = elastic store is source of multiframe sync
1 = framer or TSYNC pin is source of multiframe sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com