| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 220 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 220 Page - Dallas Semiconductor |
|
220 / 262 page ![]() DS2156 220 of 262 Register Name: ESIB1 Register Description: Extended System Information Bus Register 1 Register Address: B2h Bit # 7 6 5 4 3 2 1 0 Name DISn DISn DISn DISn DISn DISn DISn DISn Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Device Interrupt Status (DISn). Causes all devices participating in the ESIB group to output their interrupt status on the appropriate data bus line selected by the ESIBSEL0 to ESIBSEL2 bits of the ESIBCR1 register. Register Name: ESIB2 Register Description: Extended System Information Bus Register 2 Register Address: B3h Bit # 7 6 5 4 3 2 1 0 Name DRLOSn DRLOSn DRLOSn DRLOSn DRLOSn DRLOSn DRLOSn DRLOSn Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Device Receive Loss-of-Sync (DRLOSn). Causes all devices participating in the ESIB group to output their frame synchronization status on the appropriate data bus line selected by the ESIBSEL0 to ESIBSEL2 bits of the ESIBCR1 register. Register Name: ESIB3 Register Description: Extended System Information Bus Register 3 Register Address: B4h Bit # 7 6 5 4 3 2 1 0 Name UST1n UST1n UST1n UST1n UST1n UST1n UST1n UST1n Default 0 0 0 0 0 0 0 0 Bits 0 to 7/User-Selected Status 1 (UST1n). Causes all devices participating in the ESIB group to output status or alarms as selected by the ESI3SEL0 to ESI3SEL2 bits in the ESIBCR2 configuration register on the appropriate data bus line selected by the ESIBSEL0 to ESIBSEL2 bits of the ESIBCR2 register Register Name: ESIB4 Register Description: Extended System Information Bus Register 4 Register Address: B5h Bit # 7 6 5 4 3 2 1 0 Name UST2n UST2n UST2n UST2n UST2n UST2n UST2n UST2n Default 0 0 0 0 0 0 0 0 Bits 0 to 7/User-Selected Status 2 (UST2n). Causes all devices participating in the ESIB group to output status or alarms as selected by the ESI4SEL0 to ESI4SEL2 bits in the ESIBCR2 configuration register on the appropriate data bus line selected by the ESIBSEL0 to ESIBSEL2 bits of the ESIBCR2 register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |