Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 223 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 223 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 219Page - Dallas Semiconductor DS2155 Datasheet HTML 220Page - Dallas Semiconductor DS2155 Datasheet HTML 221Page - Dallas Semiconductor DS2155 Datasheet HTML 222Page - Dallas Semiconductor DS2155 Datasheet HTML 223Page - Dallas Semiconductor DS2155 Datasheet HTML 224Page - Dallas Semiconductor DS2155 Datasheet HTML 225Page - Dallas Semiconductor DS2155 Datasheet HTML 226Page - Dallas Semiconductor DS2155 Datasheet HTML 227Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 262 page
background image
DS2156
223 of 262
32.
USER-PROGRAMMABLE OUTPUT PINS
The DS2156 provides four user-programmable output pins. The pins are automatically cleared to 0 at
power-up or as a result of a hardware- or software-issued reset.
Register Name:
CCR4
Register Description:
Common Control Register 4
Register Address:
73h
Bit #
7
6
5
4
3
2
1
0
Name
RLT3
RLT2
RLT1
RLT0
UOP3
UOP2
UOP1
UOP0
Default
0
0
0
0
0
0
0
0
Bit 0/User-Defined Output 0 (UOP0)
0 = logic 0 level at pin
1 = logic 1 level at pin
Bit 1/User-Defined Output 1 (UOP1)
0 = logic 0 level at pin
1 = logic 1 level at pin
Bit 2/User-Defined Output 2 (UOP2)
0 = logic 0 level at pin
1 = logic 1 level at pin
Bit 3/User-Defined Output 3 (UOP3)
0 = logic 0 level at pin
1 = logic 1 level at pin
Bits 4 to 7/Receive Level Threshold Bits (RLT0 to RLT3)
RLT3
RLT2
RLT1
RLT0
Receive Level (dB)
0
0
0
0
Greater than -2.5
0
0
0
1
-2.5
0
0
1
0
-5.0
0
0
1
1
-7.5
0
1
0
0
-10.0
0
1
0
1
-12.5
0
1
1
0
-15.0
0
1
1
1
-17.5
1
0
0
0
-20.0
1
0
0
1
-22.5
1
0
1
0
-25.0
1
0
1
1
-27.5
1
1
0
0
-30.0
1
1
0
1
-32.5
1
1
1
0
-35.0
1
1
1
1
Less than -37.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com