Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 54 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 54 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 50Page - Dallas Semiconductor DS2156L Datasheet HTML 51Page - Dallas Semiconductor DS2156L Datasheet HTML 52Page - Dallas Semiconductor DS2156L Datasheet HTML 53Page - Dallas Semiconductor DS2156L Datasheet HTML 54Page - Dallas Semiconductor DS2156L Datasheet HTML 55Page - Dallas Semiconductor DS2156L Datasheet HTML 56Page - Dallas Semiconductor DS2156L Datasheet HTML 57Page - Dallas Semiconductor DS2156L Datasheet HTML 58Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 262 page
background image
DS2156
54 of 262
Register Name:
T1TCR1
Register Description:
T1 Transmit Control Register 1
Register Address:
05h
Bit #
7
6
5
4
3
2
1
0
Name
TJC
TFPT
TCPT
TSSE
GB7S
TFDLS
TBL
TYEL
Default
0
0
0
0
0
0
0
0
Bit 0/Transmit Yellow Alarm (TYEL)
0 = do not transmit yellow alarm
1 = transmit yellow alarm
Bit 1/Transmit Blue Alarm (TBL)
0 = transmit data normally
1 = transmit an unframed all-ones code at TPOS and TNEG
Bit 2/TFDL Register Select (TFDLS)
0 = source FDL or Fs-bits from the internal TFDL register (legacy FDL support mode)
1 = source FDL or Fs-bits from the internal HDLC controller or the TLINK pin
Bit 3/Global Bit 7 Stuffing (GB7S)
0 = allow the SSIEx registers to determine which channels containing all 0s are to be bit 7 stuffed
1 = force bit 7 stuffing in all 0-byte channels regardless of how the SSIEx registers are programmed
Bit 4/Transmit Software Signaling Enable (TSSE).
0 = do not source signaling data from the TSx registers regardless of the SSIEx registers. The SSIEx
registers still define which channels are to have B7 stuffing
preformed.
1 = source signaling data as enabled by the SSIEx registers
Bit 5/Transmit CRC Pass-Through (TCPT)
0 = source CRC6 bits internally
1 = CRC6 bits sampled at TSER during F-bit time
Bit 6/Transmit F-Bit Pass-Through (TFPT)
0 = F bits sourced internally
1 = F bits sampled at TSER
Bit 7/Transmit Japanese CRC6 Enable (TJC)
0 = use ANSI/AT&T/ITU CRC6 calculation (normal operation)
1 = use Japanese standard JT–G704 CRC6 calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com