Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 18Page - Dallas Semiconductor DS2156L Datasheet HTML 19Page - Dallas Semiconductor DS2156L Datasheet HTML 20Page - Dallas Semiconductor DS2156L Datasheet HTML 21Page - Dallas Semiconductor DS2156L Datasheet HTML 22Page - Dallas Semiconductor DS2156L Datasheet HTML 23Page - Dallas Semiconductor DS2156L Datasheet HTML 24Page - Dallas Semiconductor DS2156L Datasheet HTML 25Page - Dallas Semiconductor DS2156L Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 262 page
background image
DS2156
22 of 262
3.1.2 Receive Side
Signal Name:
RLINK
Signal Description:
Receive Link Data
Signal Type:
Output
T1 Mode: Updated with either FDL data (ESF) or Fs bits (D4) or Z bits (ZBTSI) one RCLK before the start of a
frame.
E1 Mode: Updated with the full E1 data stream on the rising edge of RCLK.
Signal Name:
RLCLK
Signal Description:
Receive Link Clock
Signal Type:
Output
T1 Mode: A 4kHz or 2kHz (ZBTSI) clock for the RLINK output.
E1 Mode: A 4kHz to 20kHz clock.
Signal Name:
RCLK
Signal Description:
Receive Clock
Signal Type:
Output
1.544MHz (T1) or 2.048MHz (E1) clock that is used to clock data through the receive-side framer.
Signal Name:
RCHCLK
Signal Description:
Receive Channel Clock
Signal Type:
Output
A 192kHz (T1) or 256kHz (E1) clock that pulses high during the LSB of each channel. Synchronous with RCLK
when the receive-side elastic store is disabled. Synchronous with RSYSCLK when the receive-side elastic store is
enabled. Useful for parallel-to-serial conversion of channel data.
Signal Name:
RCHBLK
Signal Description:
Receive Channel Block
Signal Type:
Output
A user-programmable output that can be forced high or low during any of the 24 T1 or 32 E1 channels.
Synchronous with RCLK when the receive-side elastic store is disabled. Synchronous with RSYSCLK when the
receive-side elastic store is enabled. Useful for blocking clocks to a serial UART or LAPD controller in
applications where not all channels are used such as fractional service, 384kbps service, 768kbps, or ISDN–PRI.
Also useful for locating individual channels in drop-and-insert applications, for external per-channel loopback, and
for per-channel conditioning. See Section 17 for details.
Signal Name:
RSER
Signal Description:
Receive Serial Data
Signal Type:
Output
Received NRZ serial data. Updated on rising edges of RCLK when the receive-side elastic store is disabled.
Updated on the rising edges of RSYSCLK when the receive-side elastic store is enabled.
Signal Name:
RSYNC
Signal Description:
Receive Sync
Signal Type:
Input/Output
An extracted pulse, one RCLK wide, is output at this pin that identifies either frame (IOCR1.5 = 0) or multiframe
(IOCR1.5 = 1) boundaries. If set to output frame boundaries, then through IOCR1.6, RSYNC can also be set to
output double-wide pulses on signaling frames in T1 mode. If the receive-side elastic store is enabled, then this pin
can be enabled to be an input through IOCR1.4, at which a frame or multiframe boundary pulse is applied.
Signal Name:
RFSYNC
Signal Description:
Receive Frame Sync
Signal Type:
Output
An extracted 8kHz pulse, one RCLK wide, is output at this pin that identifies frame boundaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com