Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 48 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 48 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 44Page - Dallas Semiconductor DS2156L Datasheet HTML 45Page - Dallas Semiconductor DS2156L Datasheet HTML 46Page - Dallas Semiconductor DS2156L Datasheet HTML 47Page - Dallas Semiconductor DS2156L Datasheet HTML 48Page - Dallas Semiconductor DS2156L Datasheet HTML 49Page - Dallas Semiconductor DS2156L Datasheet HTML 50Page - Dallas Semiconductor DS2156L Datasheet HTML 51Page - Dallas Semiconductor DS2156L Datasheet HTML 52Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 262 page
background image
DS2156
48 of 262
6.1
Power-Up Sequence
The DS2156 contains an on-chip power-up reset function that automatically clears the writeable register
space immediately after power is supplied to the DS2156. The user can issue a chip reset at any time.
Issuing a reset disrupts traffic flowing through the DS2156 until the device is reprogrammed. The reset
can be issued through hardware using the TSTRST pin or through software using the SFTRST function in
the master mode register. The LIRST (LIC2.6) should be toggled from 0 to 1 to reset the line interface
circuitry. (It takes the DS2156 about 40ms to recover from the LIRST bit being toggled.) Finally, after the
TSYSCLK and RSYSCLK inputs are stable, the receive and transmit elastic stores should be reset (this
step can be skipped if the elastic stores are disabled).
6.1.1 Master Mode Register
Register Name:
MSTRREG
Register Description:
Master Mode Register
Register Address:
00h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
URST
TEST1
TEST0
T1/E1
SFTRST
Default
0
0
0
0
0
0
0
0
Bit 0/Software-Issued Reset (SFTRST). A 0-to-1 transition causes the register space in the DS2156 to be cleared.
A reset clears all configuration and status registers. The bit automatically clears itself when the reset has completed.
Bit 1/DS2156 Operating Mode (T1/E1). Used to select the operating mode of the framer/formatter (digital)
portion of the 2156. The operating mode of the LIU must also be programmed.
0 = T1 operation
1 = E1 operation
Bits 2, 3/Test Mode Bits (TEST0, TEST1). Test modes are used to force the output pins of the DS2156 into
known states. This can facilitate the checkout of assemblies during the manufacturing process and also be used to
isolate devices from shared buses.
TEST1
TEST0
Effect On Output Pins
0
0
Operate normally
0
1
Force all output pins into three-state (including all I/O pins and parallel port
pins)
1
0
Force all output pins low (including all I/O pins except parallel port pins)
1
1
Force all output pins high (including all I/O pins except parallel port pins)
Bit 4/UTOPIA Reset (URST). A 0-to-1 transition causes the UTOPIA interface to reset.
Bits 5 to 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com