Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 4Page - Dallas Semiconductor DS2156L Datasheet HTML 5Page - Dallas Semiconductor DS2156L Datasheet HTML 6Page - Dallas Semiconductor DS2156L Datasheet HTML 7Page - Dallas Semiconductor DS2156L Datasheet HTML 8Page - Dallas Semiconductor DS2156L Datasheet HTML 9Page - Dallas Semiconductor DS2156L Datasheet HTML 10Page - Dallas Semiconductor DS2156L Datasheet HTML 11Page - Dallas Semiconductor DS2156L Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 262 page
background image
DS2156
8 of 262
1. MAIN FEATURES
The DS2156 contains all of the features of the previous generation of Dallas Semiconductor’s T1 and E1 SCTs plus
many new features such as a UTOPIA bus interface.
General
§ Programmable output clocks for fractional T1, E1,
H0, and H12 applications
§ Interleaving PCM bus operation
§ 8-bit parallel control port, multiplexed or
nonmultiplexed, Intel or Motorola
§ IEEE 1149.1 JTAG-Boundary Scan
§ 3.3V supply with 5V tolerant inputs and outputs
§ Pin compatible with DS2155, DS2152/DS2154,
and DS21x5Y SCT family
§ Signaling System 7 Support
§ RAI-CI, AIS-CI support
§ 100-pin LQFP package (14mm x 14mm) (DS2156)
§ 3.3V supply with 5V tolerant inputs and outputs
§ LQFP package that is pin compatible with
DS2152/DS2154, DS21352/DS21354,
DS21552/DS21554, and DS2155
§ Evaluation kits
§ IEEE 1149.1 JTAG boundary scan
§ Driver source code available from the factory
Line Interface
§ Requires only a 2.048MHz master clock for both
E1 and T1 operation with the option to use
1.544MHz for T1 operation
§ Fully software configurable
§ Short-haul and long-haul applications
§ Automatic receive sensitivity adjustments
§ Ranges include 0 to 43dB or 0 to 12dB for E1
applications and 0 to 13dB or 0 to 36dB for T1
applications
§ Receive level indication in 2.5dB steps from
-42.5dB to -2.5dB
§ Internal receive termination option for 75Ω, 100Ω,
and 120Ω lines
§ Internal transmit termination option for 75Ω, 100Ω,
and 120Ω lines
§ Monitor application gain settings of 20dB, 26dB,
and 32dB
§ G.703 receive synchronization-signal mode
§ Flexible transmit waveform generation
§ T1 DSX-1 line buildouts
§ T1 CSU line buildouts of -7.5dB, -15dB, and
-22.5dB
§ E1 waveforms include G.703 waveshapes for
both 75Ω coax and 120Ω twisted cables
§ AIS generation independent of loopbacks
§ Alternating ones and zeros generation
§ Square-wave output
§ Open-drain output option
§ NRZ format option
§ Transmitter power-down
§ Transmitter 50mA short-circuit limiter with
current-limit-exceeded indication
§ Transmit open-circuit-detected indication
§ Line interface function can be completely
decoupled from the framer/formatter
Clock Synthesizer
§ Output frequencies include 2.048MHz, 4.096MHz,
8.192MHz, and 16.384MHz
§ Derived from recovered receive clock
Jitter Attenuator
§ 32-bit or 128-bit crystal-less jitter attenuator
§ Requires only a 2.048MHz master clock for both
E1 and T1 operation with the option to use
1.544MHz for T1 operation
§ Can be placed in either the receive or transmit path
or disabled
§ Limit trip indication
Framer/Formatter
§ Fully independent transmit and receive
functionality
§ Full receive and transmit path transparency
§ T1 framing formats include D4 (SLC-96) and ESF
§ Detailed alarm and status reporting with optional
interrupt support
§ Large path and line error counters for:
–
T1: BPV, CV, CRC6, and framing bit errors
–
E1: BPV, CV, CRC4, E-bit, and frame
alignment errors
§ Timed or manual update modes
§ DS1 idle code generation on a per-channel basis in
both transmit and receive paths
–
User-defined
–
Digital milliwatt
§ ANSI T1.403-1998 Support
§ RAI-CI detection and generation
§ AIS-CI detection and generation
§ E1ETS 300 011 RAI generation
§ G.965 V5.2 link detect
§ Ability to monitor one DS0 channel in both the
transmit and receive paths
§ In-band repeating pattern generators and detectors
–
Three independent generators and detectors
–
Patterns from 1 to 8 bits or 16 bits in length
§ RCL, RLOS, RRA, and RAIS alarms interrupt on
change-of-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com