Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 7Page - Dallas Semiconductor DS2156L Datasheet HTML 8Page - Dallas Semiconductor DS2156L Datasheet HTML 9Page - Dallas Semiconductor DS2156L Datasheet HTML 10Page - Dallas Semiconductor DS2156L Datasheet HTML 11Page - Dallas Semiconductor DS2156L Datasheet HTML 12Page - Dallas Semiconductor DS2156L Datasheet HTML 13Page - Dallas Semiconductor DS2156L Datasheet HTML 14Page - Dallas Semiconductor DS2156L Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 262 page
background image
DS2156
11 of 262
2. DETAILED DESCRIPTION
The DS2156 is a software-selectable T1, E1, or J1 single-chip transceiver (SCT) for short-haul and long-
haul applications. The backplane is user-configurable for a TDM or UTOPIA II bus interface. The
DS2156 is composed of an LIU, framer, HDLC controllers, and a UTOPIA/TDM backplane interface,
and is controlled by an 8-bit parallel port configured for Intel or Motorola bus operations. The DS2156 is
pin and software compatible with the DS2155.
The LIU is composed of transmit and receive interfaces and a jitter attenuator. The transmit interface is
responsible for generating the necessary waveshapes for driving the network and providing the correct
source impedance depending on the type of media used. T1 waveform generation includes DSX-1 line
buildouts as well as CSU line buildouts of -7.5dB, -15dB, and -22.5dB. E1 waveform generation includes
G.703 waveshapes for both 75Ω coax and 120Ω twisted cables. The receive interface provides network
termination and recovers clock and data from the network. The receive sensitivity adjusts automatically to
the incoming signal and can be programmed for 0 to 43dB or 0 to 12dB for E1 applications and 0 to 30dB
or 0 to 36dB for T1 applications. The jitter attenuator removes phase jitter from the transmitted or
received signal. The crystal-less jitter attenuator requires only a 2.048MHz MCLK for both E1 and T1
applications (with the option of using a 1.544MHz MCLK in T1 applications) and can be placed in either
transmit or receive data paths. An additional feature of the LIU is a CMI coder/decoder for interfacing to
optical networks.
On the transmit side, clock, data, and frame-sync signals are provided to the framer by the backplane
interface section. The framer inserts the appropriate synchronization framing patterns, alarm information,
calculates and inserts the CRC codes, and provides the B8ZS/HDB3 (zero code suppression) and AMI
line coding. The receive-side framer decodes AMI, B8ZS, and HDB3 line coding, synchronizes to the
data stream, reports alarm information, counts framing/coding/CRC errors, and provides clock/data and
frame-sync signals to the backplane interface section.
Both the transmit and receive path have two HDLC controllers. The HDLC controllers transmit and
receive data through the framer block. The HDLC controllers can be assigned to any time slot, group of
time slots, portion of a time slot or to FDL (T1) or Sa bits (E1). Each controller has 128-byte FIFOs, thus
reducing the amount of processor overhead required to manage the flow of data. In addition, built-in
support for reducing the processor time is required in SS7 applications.
The backplane interface provides a versatile method of sending and receiving data from the host system.
Elastic stores provide a method for interfacing to asynchronous systems, converting from a T1/E1
network to a 2.048MHz, 4.096MHz, 8.192MHz, or N x 64kHz system backplane. The elastic stores also
manage slip conditions (asynchronous interface). An interleave bus option (IBO) is provided to allow up
to eight transceivers to share a high-speed backplane in TDM mode.
The parallel port provides access for control and configuration of the DS2156’s features. The extended
system information bus (ESIB) function allows up to eight transceivers to be accessed by a single read for
interrupt status or other user-selectable alarm status information. Diagnostic capabilities include
loopbacks, PRBS pattern generation/detection, and 16-bit loop-up and loop-down code generation and
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com