Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 71 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 71 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 67Page - Dallas Semiconductor DS2156L Datasheet HTML 68Page - Dallas Semiconductor DS2156L Datasheet HTML 69Page - Dallas Semiconductor DS2156L Datasheet HTML 70Page - Dallas Semiconductor DS2156L Datasheet HTML 71Page - Dallas Semiconductor DS2156L Datasheet HTML 72Page - Dallas Semiconductor DS2156L Datasheet HTML 73Page - Dallas Semiconductor DS2156L Datasheet HTML 74Page - Dallas Semiconductor DS2156L Datasheet HTML 75Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 262 page
background image
DS2156
71 of 262
Register Name:
SR3
Register Description:
Status Register 3
Register Address:
1Ah
Bit #
7
6
5
4
3
2
1
0
Name
LSPARE
LDN
LUP
LOTC
LORC
V52LNK
RDMA
RRA
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Remote Alarm Condition (RRA) (E1 Only). Set when a remote alarm is received at RPOSI and
RNEGI. This is a double interrupt bit. See Section 6.3.
Bit 1/Receive Distant MF Alarm Condition (RDMA) (E1 Only). Set when bit 6 of time slot 16 in frame 0 has
been set for two consecutive multiframes. This alarm is not disabled in the CCS signaling mode. This is a double
interrupt bit. See Section 6.3.
Bit 2/V5.2 Link Detected Condition (V52LNK) (E1 Only). Set on detection of a V5.2 link identification signal
(G.965). This is a double interrupt bit. See Section 6.3.
Bit 3/Loss-of-Receive Clock Condition (LORC). Set when the RCLKI pin has not transitioned for one channel
time. This is a double interrupt bit. See Section 6.3.
Bit 4/Loss-of-Transmit Clock Condition (LOTC). Set when the TCLK pin has not transitioned for one channel
time. Forces the LOTC pin high if enabled by CCR1.0. This is a double interrupt bit. See Section 6.3.
Bit 5/Loop-Up Code Detected Condition (LUP) (T1 Only). Set when the loop-up code as defined in the
RUPCD1/2 register is being received. See Section 25 for details. This is a double interrupt bit. See Section 6.3.
Bit 6/Loop-Down Code Detected Condition (LDN) (T1 Only). Set when the loop down code as defined in the
RDNCD1/2 register is being received. See Section 25 for details. This is a double interrupt bit. See Section 6.3.
Bit 7/Spare Code Detected Condition (LSPARE) (T1 Only). Set when the spare code as defined in the RSCD1/2
registers is being received. See Section 25 for details. This is a double interrupt bit. See Section 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com