Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 31Page - Dallas Semiconductor DS2156L Datasheet HTML 32Page - Dallas Semiconductor DS2156L Datasheet HTML 33Page - Dallas Semiconductor DS2156L Datasheet HTML 34Page - Dallas Semiconductor DS2156L Datasheet HTML 35Page - Dallas Semiconductor DS2156L Datasheet HTML 36Page - Dallas Semiconductor DS2156L Datasheet HTML 37Page - Dallas Semiconductor DS2156L Datasheet HTML 38Page - Dallas Semiconductor DS2156L Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 262 page
background image
DS2156
35 of 262
Table 3-B. Pin Description Sorted by Pin Number (UTOPIA Backplane
Enabled)
BOLD entries indicate pins that have an alternate function when the TDM bus interface is enabled.
PIN
LQFP
CSBGA
SYMBOL
TYPE
DESCRIPTION
1
A1
UR-SOC
O
UTOPIA Receive Start of Cell
2
B2
JTMS
I
IEEE 1149.1 Test Mode Select
3
C3
UR-ENB
I
UTOPIA Receive Enable
4
B1
JTCLK
I
IEEE 1149.1 Test Clock Signal
5
D4
JTRST
I
IEEE 1149.1 Test Reset
6
C2
RCL
O
Receive Carrier Loss
7
C1
JTDI
I
IEEE 1149.1 Test Data Input
8
D3
UT-SOC
I
UTOPIA Transmit Start of Cell
9
D2
UT-ENB
I
UTOPIA Transmit Enable
10
D1
JTDO
O
IEEE 1149.1 Test Data Output
11
E3
BTS
I
Bus Type Select
12
E2
UT-CLAV
O
UTOPIA Transmit Cell Available
13
E1
8XCLK
O
Eight Times Clock
14
E4
TSTRST
I
Test/Reset
15
E5
UOP2
User Output Pin 2
16
F1
RTIP
I
Receive Analog Tip Input
17
F2
RRING
I
Receive Analog Ring Input
18
F3
RVDD
—
Receive Analog Positive Supply
19, 20, 24
F4, G1, J1
RVSS
—
Receive Analog Signal Ground
21
G2
MCLK
I
Master Clock Input
22
H1
XTALD
O
Quartz Crystal Driver
23
G3
UT-ADDR0
I
UTOPIA Transmit Address Bus Bit 0
25
H2
INT
O
Interrupt
26
K1
TUSEL
I
Backplane Interface Select
27, 28
J2, H3
N.C.
—
No Connection. Reserved for Factory Test
29
K2
TTIP
O
Transmit Analog Tip Output
30
G4
TVSS
—
Transmit Analog Signal Ground
31
J3
TVDD
—
Transmit Analog Positive Supply
32
K3
TRING
O
Transmit Analog Ring Output
33
H4
UT-ADDR1
I
UTOPIA Transmit Address Bus Bit 1
34
J4
UT-ADDR2
I
UTOPIA Transmit Address Bus Bit 2
35
K4
UT-ADDR3
I
UTOPIA Transmit Address Bus Bit 3
36
H5
ESIBS0
I/O
Extended System Information Bus 0
37
J5
TSYNC
I/O
Transmit Sync
38
K5
UT-ADDR4
I
UTOPIA Transmit Address Bus Bit 4
39
G5
UT-DATA0
I
UTOPIA Transmit Data Bus Bit 0
40
F5
UT-DATA1
I
UTOPIA Transmit Data Bus Bit 1
41
K6
UT-DATA2
I
UTOPIA Transmit Data Bus Bit 2
42
J6
UT-DATA3
I
UTOPIA Transmit Data Bus Bit 3
43
H6
UT-DATA4
I
UTOPIA Transmit Data Bus Bit 4
44, 61, 81, 83
K7, F8, B8,
C7
DVDD
—
Digital Positive Supply
45, 60, 80, 84
G6, G10, D7,
B7
DVSS
—
Digital Signal Ground
46
J7
TCLK
I
Transmit Clock
47
K8
UT-DATA5
I
UTOPIA Transmit Data Bus Bit 5
48
H7
UT-DATA6
I
UTOPIA Transmit Data Bus Bit 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com