Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 19Page - Dallas Semiconductor DS2156L Datasheet HTML 20Page - Dallas Semiconductor DS2156L Datasheet HTML 21Page - Dallas Semiconductor DS2156L Datasheet HTML 22Page - Dallas Semiconductor DS2156L Datasheet HTML 23Page - Dallas Semiconductor DS2156L Datasheet HTML 24Page - Dallas Semiconductor DS2156L Datasheet HTML 25Page - Dallas Semiconductor DS2156L Datasheet HTML 26Page - Dallas Semiconductor DS2156L Datasheet HTML 27Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 262 page
background image
DS2156
23 of 262
Signal Name:
RMSYNC
Signal Description:
Receive Multiframe Sync
Signal Type:
Output
An extracted pulse, one RCLK wide (elastic store disabled) or one RSYSCLK wide (elastic store enabled), is
output at this pin that identifies multiframe boundaries.
Signal Name:
RDATA
Signal Description:
Receive Data
Signal Type:
Output
Updated on the rising edge of RCLK with the data out of the receive-side framer.
Signal Name:
RSYSCLK
Signal Description:
Receive System Clock
Signal Type:
Input
1.544MHz, 2.048MHz, 4.096MHz, or 8.192MHz clock. Only used when the receive-side elastic store function is
enabled. Should be connected low in applications that do not use the receive-side elastic store. See Section 28 for
details on 4.096MHz and 8.192MHz operation using the IBO.
Signal Name:
RSIG
Signal Description:
Receive Signaling Output
Signal Type:
Output
Outputs signaling bits in a PCM format. Updated on rising edges of RCLK when the receive-side elastic store is
disabled. Updated on the rising edges of RSYSCLK when the receive-side elastic store is enabled.
Signal Name:
RLOS/LOTC
Signal Description:
Receive Loss-of-Sync/Loss-of-Transmit Clock
Signal Type:
Output
A dual function output that is controlled by the CCR1.0 control bit. This pin can be programmed to either toggle
high when the synchronizer is searching for the frame and multiframe or to toggle high if the TCLK pin has not
been toggled for 5
ms.
Signal Name:
RCL
Signal Description:
Receive Carrier Loss
Signal Type:
Output
Set high when the line interface detects a carrier loss.
Signal Name:
RSIGF
Signal Description:
Receive Signaling Freeze
Signal Type:
Output
Set high when the signaling data is frozen by either automatic or manual intervention. Used to alert downstream
equipment of the condition.
Signal Name:
BPCLK
Signal Description:
Backplane Clock
Signal Type:
Output
A user-selectable synthesized clock output that is referenced to the clock that is output at the RCLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com