Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2156L Datasheet HTML 1Page - Dallas Semiconductor DS2156L Datasheet HTML 2Page - Dallas Semiconductor DS2156L Datasheet HTML 3Page - Dallas Semiconductor DS2156L Datasheet HTML 4Page - Dallas Semiconductor DS2156L Datasheet HTML 5Page - Dallas Semiconductor DS2156L Datasheet HTML 6Page - Dallas Semiconductor DS2156L Datasheet HTML 7Page - Dallas Semiconductor DS2156L Datasheet HTML 8Page - Dallas Semiconductor DS2156L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 262 page
background image
1 of 262
110502
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here:www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2156 is a software-selectable T1, E1, or J1
single-chip transceiver (SCT) for short-haul and
long-haul applications. The backplane is user-
configurable for a TDM or UTOPIA II bus interface.
The DS2156 is composed of a line interface unit
(LIU),
framer,
HDLC
controllers,
and
a
UTOPIA/TDM backplane interface, and is controlled
by an 8-bit parallel port configured for Intel or
Motorola bus operations. The DS2156 is pin and
software compatible with the DS2155.
The LIU is composed of transmit and receive
interfaces and a jitter attenuator. The transmit
interface is responsible for generating the necessary
waveshapes for driving the network and providing
the correct source impedance depending on the type
of media used. T1 waveform generation includes
DSX-1 line buildouts as well as CSU line buildouts
of -7.5dB, -15dB, and -22.5dB. E1 waveform
generation includes G.703 waveshapes for both 75Ω
coax and 120Ω twisted cables. The receive interface
provides network termination and recovers clock and
data from the network.
APPLICATIONS
Inverse Mux ATM (IMA)
T1/E1/J1 Line Cards
Switches and Routers
Add-Drop Multiplexers
FEATURES
§ Complete T1/DS1/ISDN-PRI/J1 Transceiver
Functionality
§ Complete E1 (CEPT) PCM-30/ISDN-PRI
Transceiver Functionality
§ User-Selectable TDM or UTOPIA II Bus
Interface
§ Long-Haul and Short-Haul Line Interface for
Clock/Data Recovery and Waveshaping
§ CMI Coder/Decoder for Optical I/F
§ Crystal-Less Jitter Attenuator
§ Fully Independent Transmit and Receive
Functionality
§ Dual HDLC Controllers
§ Programmable BERT Generator and Detector
§ Internal Software-Selectable Receive and
Transmit-Side Termination Resistors for
75Ω/100Ω/120Ω T1 and E1 Interfaces
§ Dual Two-Frame Elastic-Store Slip Buffers that
Connect to Asynchronous Backplanes Up to
16.384MHz
§ 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz Clock Output Synthesized to
Recovered Network Clock
Features continued on page 8.
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2156L
0°C to +70°C
100 LQFP
DS2156LN
-40°C to +85°C
100 LQFP
DS2156
T1/E1/J1 Single-Chip Transceiver
TDM/UTOPIA II Interface
www.maxim-ic.com
DS2156
T1/E1/J1
TDM/UTOPIA
T1/E1/J1
NETWORK
BACKPLANE
UTOPIA
TDM


Similar Part No. - DS2156L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2156L MAXIM-DS2156L Datasheet
1Mb / 265P
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
REV: 011606
DS2156L+ MAXIM-DS2156L+ Datasheet
1Mb / 265P
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
REV: 011606
DS2156LN MAXIM-DS2156LN Datasheet
1Mb / 265P
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
REV: 011606
DS2156LN+ MAXIM-DS2156LN+ Datasheet
1Mb / 265P
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
REV: 011606
More results

Similar Description - DS2156L

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS2156 MAXIM-DS2156 Datasheet
1Mb / 265P
T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
REV: 011606
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com