Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 68 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 68 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 64Page - Dallas Semiconductor DS2156L Datasheet HTML 65Page - Dallas Semiconductor DS2156L Datasheet HTML 66Page - Dallas Semiconductor DS2156L Datasheet HTML 67Page - Dallas Semiconductor DS2156L Datasheet HTML 68Page - Dallas Semiconductor DS2156L Datasheet HTML 69Page - Dallas Semiconductor DS2156L Datasheet HTML 70Page - Dallas Semiconductor DS2156L Datasheet HTML 71Page - Dallas Semiconductor DS2156L Datasheet HTML 72Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 262 page
background image
DS2156
68 of 262
10.
COMMON CONTROL AND STATUS REGISTERS
Register Name:
CCR1
Register Description:
Common Control Register 1
Register Address:
70h
Bit #
7
6
5
4
3
2
1
0
Name
MCLKS
CRC4R
SIE
ODM
DICAI
TCSS1
TCSS0
RLOSF
Default
0
0
0
0
0
0
0
0
Bit 0/Function of the RLOS/LOTC Output (RLOSF)
0 = receive loss of sync (RLOS)
1 = loss-of-transmit clock (LOTC)
Bit 1/Transmit Clock Source Select Bit 0 (TCSS0)
Bit 2/Transmit Clock Source Select Bit 0 (TCSS1)
TCSS1
TCSS0
Transmit Clock Source
0
0
The TCLK pin is always the source of transmit clock.
0
1
Switch to the clock present at RCLK when the signal at the TCLK pin
fails to transition after 1 channel time.
1
0
Use the scaled signal present at MCLK as the transmit clock. The
TCLK pin is ignored.
1
1
Use the signal present at RCLK as the transmit clock. The TCLK pin is
ignored.
Bit 3/Disable Idle Code Auto Increment (DICAI). Selects/deselects the auto-increment feature for the transmit
and receive idle code array address register. See Section 16.
0 = addresses in IAAR register automatically increment on every read/write operation to the PCICR
register
1 = addresses in IAAR register do not automatically increment
Bit 4/Output Data Mode (ODM)
0 = pulses at TPOSO and TNEGO are one full TCLKO period wide
1 = pulses at TPOSO and TNEGO are one-half TCLKO period wide
Bit 5/Signaling Integration Enable (SIE)
0 = signaling changes of state reported on any change in selected channels
1 = signaling must be stable for three multiframes in order for a change of state to be reported
Bit 6/CRC-4 Recalculate (CRC4R)
0 = transmit CRC-4 generation and insertion operates in normal mode
1 = transmit CRC-4 generation operates according to G.706 intermediate path recalculation method
Bit 7/MCLK Source (MCLKS). Selects the source of MCLK
0 = MCLK is source from the MCLK pin
1 = MCLK is source from the TSYSCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com