Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 20Page - Dallas Semiconductor DS2156L Datasheet HTML 21Page - Dallas Semiconductor DS2156L Datasheet HTML 22Page - Dallas Semiconductor DS2156L Datasheet HTML 23Page - Dallas Semiconductor DS2156L Datasheet HTML 24Page - Dallas Semiconductor DS2156L Datasheet HTML 25Page - Dallas Semiconductor DS2156L Datasheet HTML 26Page - Dallas Semiconductor DS2156L Datasheet HTML 27Page - Dallas Semiconductor DS2156L Datasheet HTML 28Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 262 page
background image
DS2156
24 of 262
Signal Name:
RPOSO
Signal Description:
Receive Positive-Data Output
Signal Type:
Output
Updated on the rising edge of RCLKO with bipolar data out of the line interface. This pin is normally connected to
RPOSI.
Signal Name:
RNEGO
Signal Description:
Receive Negative-Data Output
Signal Type:
Output
Updated on the rising edge of RCLKO with the bipolar data out of the line interface. This pin is normally
connected to RPOSI.
Signal Name:
RCLKO
Signal Description:
Receive Clock Output
Signal Type:
Output
Buffered recovered clock from the network. This pin is normally connected to RCLKI.
Signal Name:
RPOSI
Signal Description:
Receive Positive-Data Input
Signal Type:
Input
Sampled on the falling edge of RCLKI for data to be clocked through the receive-side framer. RPOSI and RNEGI
can be connected together for an NRZ interface. Can be internally connected to RPOSO by connecting the LIUC
pin high.
Signal Name:
RNEGI
Signal Description:
Receive Negative-Data Input
Signal Type:
Input
Sampled on the falling edge of RCLKI for data to be clocked through the receive-side framer. RPOSI and RNEGI
can be connected together for an NRZ interface. Can be internally connected to RNEGO by connecting the LIUC
pin high.
Signal Name:
RCLKI
Signal Description:
Receive Clock Input
Signal Type:
Input
Clock used to clock data through the receive-side framer. This pin is normally connected to RCLKO. Can be
internally connected to RCLKO by connecting the LIUC pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com