| Electronic Components Datasheet Search |
|
DS2156L Datasheet(PDF) 27 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2156L Datasheet(HTML) 27 Page - Dallas Semiconductor |
|
27 / 262 page ![]() DS2156 27 of 262 3.3 Parallel Control Port Pins Signal Name: INT Signal Description: Interrupt Signal Type: Output Flags host controller during conditions and events defined in the status registers. Active-low, open-drain output. Signal Name: TSTRST Signal Description: Three-State Control and Device Reset Signal Type: Input A dual function pin. A 0-to-1 transition issues a hardware reset to the DS2156 register set. A reset clears all configuration registers. Configuration register contents are set to 0. Leaving TSTRST high three-states all output and I/O pins (including the parallel control port). Set low for normal operation. Useful in board-level testing. Signal Name: MUX Signal Description: Bus Operation Signal Type: Input Set low to select nonmultiplexed bus operation. Set high to select multiplexed bus operation. Signal Name: AD0 to AD7 Signal Description: Data Bus [D0 to D7] or Address/Data Bus Signal Type: Input/Output In nonmultiplexed bus operation (MUX = 0), these serve as the data bus. In multiplexed bus operation (MUX = 1), these pins serve as an 8-bit multiplexed address/data bus. Signal Name: A0 to A6 Signal Description: Address Bus Signal Type: Input In nonmultiplexed bus operation (MUX = 0), these serve as the address bus. In multiplexed bus operation (MUX = 1), these pins are not used and should be connected low. Signal Name: BTS Signal Description: Bus Type Select Signal Type: Input Strap high to select Motorola bus timing; strap low to select Intel bus timing. This pin controls the function of the RD (DS), ALE (AS), and WR (R/W) pins. If BTS = 1, then these pins assume the function listed in parentheses (). Signal Name: RD (DS) Signal Description: Read Input, Data Strobe Signal Type: Input RD and DS are active-low signals. DS active HIGH when MUX = 1. See Bus Timing Diagrams. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |