Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 73 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 73 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 69Page - Dallas Semiconductor DS2156L Datasheet HTML 70Page - Dallas Semiconductor DS2156L Datasheet HTML 71Page - Dallas Semiconductor DS2156L Datasheet HTML 72Page - Dallas Semiconductor DS2156L Datasheet HTML 73Page - Dallas Semiconductor DS2156L Datasheet HTML 74Page - Dallas Semiconductor DS2156L Datasheet HTML 75Page - Dallas Semiconductor DS2156L Datasheet HTML 76Page - Dallas Semiconductor DS2156L Datasheet HTML 77Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 262 page
background image
DS2156
73 of 262
Register Name:
SR4
Register Description:
Status Register 4
Register Address:
1Ch
Bit #
7
6
5
4
3
2
1
0
Name
RAIS-CI
RSAO
RSAZ
TMF
TAF
RMF
RCMF
RAF
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Align Frame Event (RAF) (E1 Only). Set every 250µs at the beginning of align frames. Used to
alert the host that Si and Sa bits are available in the RAF and RNAF registers.
Bit 1/Receive CRC4 Multiframe Event (RCMF) (E1 Only). Set on CRC4 multiframe boundaries; continues to
set every 2ms on an arbitrary boundary if CRC4 is disabled.
Bit 2/Receive Multiframe Event (RMF)
E1 Mode: Set every 2ms (regardless if CAS signaling is enabled or not) on receive multiframe boundaries.
Used to alert the host that signaling data is available.
T1 Mode: Set every 1.5ms on D4 MF boundaries or every 3ms on ESF MF boundaries.
Bit 3/Transmit Align Frame Event (TAF) (E1 Only). Set every 250µs at the beginning of align frames. Used to
alert the host that the TAF and TNAF registers need to be updated.
Bit 4/Transmit Multiframe Event (TMF)
E1 Mode: Set every 2ms (regardless if CRC4 is enabled) on transmit multiframe boundaries. Used to alert
the host that signaling data needs to be updated.
T1 Mode: Set every 1.5ms on D4 MF boundaries or every 3ms on ESF MF boundaries.
Bit 5/Receive Signaling All-Zeros Event (RSAZ) (E1 Only). Set when over a full MF, time slot 16 contains
all 0s.
Bit 6/Receive Signaling All-Ones Event (RSAO) (E1 Only). Set when the contents of time slot 16 contains fewer
than three 0s over 16 consecutive frames. This alarm is not disabled in the CCS signaling mode.
Bit 7/Receive AIS-CI Event (RAIS-CI) (T1 Only). Set when the receiver detects the AIS-CI pattern as defined in
ANSI T1.403.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com