Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 38 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 38 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 34Page - Dallas Semiconductor DS2156L Datasheet HTML 35Page - Dallas Semiconductor DS2156L Datasheet HTML 36Page - Dallas Semiconductor DS2156L Datasheet HTML 37Page - Dallas Semiconductor DS2156L Datasheet HTML 38Page - Dallas Semiconductor DS2156L Datasheet HTML 39Page - Dallas Semiconductor DS2156L Datasheet HTML 40Page - Dallas Semiconductor DS2156L Datasheet HTML 41Page - Dallas Semiconductor DS2156L Datasheet HTML 42Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 262 page
background image
DS2156
38 of 262
4. PARALLEL PORT
The SCT is controlled by either a nonmultiplexed (MUX = 0) or a multiplexed (MUX = 1) bus through an
external microcontroller or microprocessor. The SCT can operate with either Intel or Motorola bus timing
configurations. If the BTS pin is connected low, Intel timing is selected; if connected high, Motorola
timing is selected. All Motorola bus signals are listed in parentheses (). See the timing diagrams in AC
Electrical Characteristics in Section 36 for more details.
4.1
Register Map
Table 4-A. Register Map Sorted by Address
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
00
R/W
Master Mode Register
MSTRREG
48
01
R/W
I/O Configuration Register 1
IOCR1
75
02
R/W
I/O Configuration Register 2
IOCR2
76
03
R/W
T1 Receive Control Register 1
T1RCR1
52
04
R/W
T1 Receive Control Register 2
T1RCR2
53
05
R/W
T1 Transmit Control Register 1
T1TCR1
54
06
R/W
T1 Transmit Control Register 2
T1TCR2
55
07
R/W
T1 Common Control Register 1
T1CCR1
56
08
R/W
Software Signaling Insertion Enable 1
SSIE1
99
09
R/W
Software Signaling Insertion Enable 2
SSIE2
99
0A
R/W
Software Signaling Insertion Enable 3
SSIE3
100
0B
R/W
Software Signaling Insertion Enable 4
SSIE4
100
0C
R/W
T1 Receive Digital Milliwatt Enable Register 1
T1RDMR1
58
0D
R/W
T1 Receive Digital Milliwatt Enable Register 2
T1RDMR2
58
0E
R/W
T1 Receive Digital Milliwatt Enable Register 3
T1RDMR3
58
0F
R
Device Identification Register
IDR
69
10
R/W
Information Register 1
INFO1
59
11
R
Information Register 2
INFO2
157
12
R/W
Information Register 3
INFO3
66
13
14
R
Interrupt Information Register 1
IIR1
50
15
R
Interrupt Information Register 2
IIR2
50
16
R/W
Status Register 1
SR1
158
17
R/W
Interrupt Mask Register 1
IMR1
159
18
R/W
Status Register 2
SR2
69
19
R/W
Interrupt Mask Register 2
IMR2
70
1A
R/W
Status Register 3
SR3
71
1B
R/W
Interrupt Mask Register 3
IMR3
72
1C
R/W
Status Register 4
SR4
73
1D
R/W
Interrupt Mask Register 4
IMR4
74
1E
R/W
Status Register 5
SR5
112
1F
R/W
Interrupt Mask Register 5
IMR5
112
20
R/W
Status Register 6
SR6
141
21
R/W
Interrupt Mask Register 6
IMR6
142
22
R/W
Status Register 7
SR7
141
23
R/W
Interrupt Mask Register 7
IMR7
142
24
R/W
Status Register 8
SR8
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com