Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 52 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 52 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 48Page - Dallas Semiconductor DS2156L Datasheet HTML 49Page - Dallas Semiconductor DS2156L Datasheet HTML 50Page - Dallas Semiconductor DS2156L Datasheet HTML 51Page - Dallas Semiconductor DS2156L Datasheet HTML 52Page - Dallas Semiconductor DS2156L Datasheet HTML 53Page - Dallas Semiconductor DS2156L Datasheet HTML 54Page - Dallas Semiconductor DS2156L Datasheet HTML 55Page - Dallas Semiconductor DS2156L Datasheet HTML 56Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 262 page
background image
DS2156
52 of 262
8. T1 FRAMER/FORMATTER CONTROL AND STATUS REGISTERS
The T1 framer portion of the DS2156 is configured through a set of nine control registers. Typically, the
control registers are only accessed when the system is first powered up. Once the DS2156 has been
initialized, the control registers only need to be accessed when there is a change in the system
configuration. There are two receive control registers (T1RCR1 and T1RCR2), two transmit control
registers (T1TCR1 and T1TCR2), and a common control register (T1CCR1). Each of these registers is
described in this section.
8.1
T1 Control Registers
Register Name:
T1RCR1
Register Description:
T1 Receive Control Register 1
Register Address:
03h
Bit #
7
6
5
4
3
2
1
0
Name
—
ARC
OOF1
OOF2
SYNCC
SYNCT
SYNCE
RESYNC
Default
0
0
0
0
0
0
0
0
Bit 0/Resynchronize (RESYNC). When toggled from low to high, a resynchronization of the receive-side framer
is initiated. Must be cleared and set again for a subsequent resync.
Bit 1/Sync Enable (SYNCE)
0 = auto resync enabled
1 = auto resync disabled
Bit 2/Sync Time (SYNCT)
0 = qualify 10 bits
1 = qualify 24 bits
Bit 3/Sync Criteria (SYNCC)
In D4 Framing Mode:
0 = search for Ft pattern, then search for Fs pattern
1 = cross couple Ft and Fs pattern
In ESF Framing Mode:
0 = search for FPS pattern only
1 = search for FPS and verify with CRC6
Bits 4, 5/Out-of-Frame Select Bits (OOF2, OOF1)
OOF2
OOF1
Out-Of-Frame Criteria
0
0
2/4 frame bits in error
0
1
2/5 frame bits in error
1
0
2/6 frame bits in error
1
1
2/6 frame bits in error
Bit 6/Auto Resync Criteria (ARC)
0 = resync on OOF or RCL event
1 = resync on OOF only
Bit 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com