Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 69 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 69 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 65Page - Dallas Semiconductor DS2156L Datasheet HTML 66Page - Dallas Semiconductor DS2156L Datasheet HTML 67Page - Dallas Semiconductor DS2156L Datasheet HTML 68Page - Dallas Semiconductor DS2156L Datasheet HTML 69Page - Dallas Semiconductor DS2156L Datasheet HTML 70Page - Dallas Semiconductor DS2156L Datasheet HTML 71Page - Dallas Semiconductor DS2156L Datasheet HTML 72Page - Dallas Semiconductor DS2156L Datasheet HTML 73Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 262 page
background image
DS2156
69 of 262
Register Name:
IDR
Register Description:
Device Identification Register
Register Address:
0Fh
Bit #
7
6
5
4
3
2
1
0
Name
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Default
1
1
0
0
0
0
0
0
Bits 0 to 3/Chip Revision Bits (ID0 to ID3). The lower four bits of the IDR are used to display the die revision of
the chip. IDO is the LSB of a decimal code that represents the chip revision.
Bits 4 to 7/Device ID (ID4 to ID7). The upper four bits of the IDR are used to display the DS2156 ID.
10.1 T1/E1 Status Registers
Register Name:
SR2
Register Description:
Status Register 2
Register Address:
18h
Bit #
7
6
5
4
3
2
1
0
Name
RYELC
RUA1C
FRCLC
RLOSC
RYEL
RUA1
FRCL
RLOS
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Loss-of-Sync Condition (RLOS). Set when the DS2156 is not synchronized to the received data
stream.
Bit 1/Framer Receive Carrier-Loss Condition (FRCL). Set when 255 (or 2048 if E1RCR2.0 = 1) E1 mode or
192 T1 mode consecutive 0s have been detected at RPOSI and RNEGI.
Bit 2/Receive Unframed All-Ones (T1 Blue Alarm, E1 AIS) Condition (RUA1). Set when an unframed all 1s
code is received at RPOSI and RNEGI.
Bit 3/Receive Yellow Alarm Condition (RYEL) (T1 Only). Set when a Yellow Alarm is received at RPOSI and
RNEGI.
Bit 4/Receive Loss-of-Sync Clear Event (RLOSC). Set when the framer achieves synchronization; remains set
until read.
Bit 5/Framer Receive Carrier-Loss Clear Event (FRCLC). Set when the carrier loss condition at RPOSI and
RNEGI is no longer detected.
Bit 6/Receive Unframed All-Ones Clear Event (RUA1C). Set when the unframed all 1s condition is no longer
detected.
Bit 7/Receive Yellow Alarm Clear Event (RYELC) (T1 Only). Set when the receive Yellow Alarm condition is
no longer detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com