Electronic Components Datasheet Search
  English  ▼

X  

DS2156L Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS2156L
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156L Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS2156L Datasheet HTML 16Page - Dallas Semiconductor DS2156L Datasheet HTML 17Page - Dallas Semiconductor DS2156L Datasheet HTML 18Page - Dallas Semiconductor DS2156L Datasheet HTML 19Page - Dallas Semiconductor DS2156L Datasheet HTML 20Page - Dallas Semiconductor DS2156L Datasheet HTML 21Page - Dallas Semiconductor DS2156L Datasheet HTML 22Page - Dallas Semiconductor DS2156L Datasheet HTML 23Page - Dallas Semiconductor DS2156L Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 262 page
background image
DS2156
20 of 262
Signal Name:
TLCLK
Signal Description:
Transmit Link Clock
Signal Type:
Output
Demand clock for the transmit link data [TLINK] input.
T1 Mode: A 4kHz or 2kHz (ZBTSI) clock.
E1 Mode: A 4kHz to 20kHz clock.
Signal Name:
TLINK
Signal Description:
Transmit Link Data
Signal Type:
Input
If enabled, this pin is sampled on the falling edge of TCLK for data insertion into either the FDL stream (ESF) or
the Fs-bit position (D4), or the Z-bit position (ZBTSI) or any combination of the Sa-bit positions (E1).
Signal Name:
TSYNC
Signal Description:
Transmit Sync
Signal Type:
Input/Output
A pulse at this pin establishes either frame or multiframe boundaries for the transmit side. Can be programmed to
output either a frame or multiframe pulse. If this pin is set to output pulses at frame boundaries, it can also be set by
IOCR1.3 to output double-wide pulses at signaling frames in T1 mode.
Signal Name:
TSSYNC
Signal Description:
Transmit System Sync
Signal Type:
Input
Only used when the transmit-side elastic store is enabled. A pulse at this pin establishes either frame or multiframe
boundaries for the transmit side. Should be connected low in applications that do not use the transmit-side elastic
store.
Signal Name:
TSIG
Signal Description:
Transmit Signaling Input
Signal Type:
Input
When enabled, this input samples signaling bits for insertion into outgoing PCM data stream. Sampled on the
falling edge of TCLK when the transmit-side elastic store is disabled. Sampled on the falling edge of TSYSCLK
when the transmit-side elastic store is enabled.
Signal Name:
TESO
Signal Description:
Transmit Elastic Store Data Output
Signal Type:
Output
Updated on the rising edge of TCLK with data out of the transmit-side elastic store whether the elastic store is
enabled or not. This pin is normally connected to TDATA.
Signal Name:
TDATA
Signal Description:
Transmit Data
Signal Type:
Input
Sampled on the falling edge of TCLK with data to be clocked through the transmit-side formatter. This pin is
normally connected to TESO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com