Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 20Page - Microchip Technology MCP19124 Datasheet HTML 21Page - Microchip Technology MCP19124 Datasheet HTML 22Page - Microchip Technology MCP19124 Datasheet HTML 23Page - Microchip Technology MCP19124 Datasheet HTML 24Page - Microchip Technology MCP19124 Datasheet HTML 25Page - Microchip Technology MCP19124 Datasheet HTML 26Page - Microchip Technology MCP19124 Datasheet HTML 27Page - Microchip Technology MCP19124 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 236 page
background image
MCP19124/5
DS20005619A-page 24
 2016 Microchip Technology Inc.
Input OVLO Voltage
OVLO Range
OVLOON
8.8
—
44
VVIN rising
OVLOON Trip
Tolerance
OVLOTOL
-18
—
18
%VIN rising
OVLO trip set to 18V
VINOVLO = 0x1Fh
OVLO Hysteresis
OVLOHYS
1
4
8
%
Hysteresis is based upon
the
OVLOON setting
OVLO trip set to 18V
VINOVLO = 0x1Fh
Resolution
nbits
—
6
—
bits
Logarithmic Steps
OVLO Comparator
Input-to-Output Delay
TD
—
5
—
µs
100 ns rise time to 1V
overdrive on VIN
VIN > OVLO to flag set
Output OV DAC (OVREF)
Resolution
nbits
—
8
—
bits
Linear DAC
Full Scale Range
FSR
0
—
2 x BG
V
Tolerance
OVREFTOL
-2.0
±0.3
2.0
%
Trimmed @ code 0=CC
at 25°C,
0°C to 85°C
-3.3
—
3.3
%
-45°C to 0°C
85°C to 125°C
Output OV Comparator
OV Hysteresis
OVHYS
—50
—
mV
Input Bias Current
IBIAS
—±1
—
µA
Common-Mode Input
Voltage Range
VCMR
0—
3.0
V
Note 4
Input-to-Output Delay
TD
—
200
—
ns
100 ns rise time to 1V
overdrive on VS
VS > OV to flag set
(Note 4)
Voltage Reference DAC (VREF)
Resolution
nbits
—
8
—
V/V
Linear DAC
Full-Scale Range
FSR
BG
—
2 x BG
V
Pedestal set to BG
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW = 150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 14.0 “Power-Down Mode (Sleep)”.
2: VDD is the voltage present at the VDD pin.
3: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4: Ensured by design, not production tested.
5: These parameters are characterized, but not production tested.
6: The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com