Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 49Page - Microchip Technology MCP19124 Datasheet HTML 50Page - Microchip Technology MCP19124 Datasheet HTML 51Page - Microchip Technology MCP19124 Datasheet HTML 52Page - Microchip Technology MCP19124 Datasheet HTML 53Page - Microchip Technology MCP19124 Datasheet HTML 54Page - Microchip Technology MCP19124 Datasheet HTML 55Page - Microchip Technology MCP19124 Datasheet HTML 56Page - Microchip Technology MCP19124 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 53
MCP19124/5
7.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN =12V, FSW = 150 kHz, TA =+25°C.
FIGURE 7-1:
IQ vs. Temperature.
FIGURE 7-2:
IQ vs. Temperature in Sleep
Mode.
FIGURE 7-3:
Sleep VDD vs. Load
Current.
FIGURE 7-4:
Line Regulation.
FIGURE 7-5:
Load Regulation.
FIGURE 7-6:
VDD Dropout Voltage vs.
Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
4
4.5
5
5.5
6
6.5
7
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
VIN = 40V
VIN = 20V
VIN = 12V
VIN = 5V
Non-Switching
26
28
30
32
34
36
38
40
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
V
IN = 40V
V
IN = 20V
V
IN = 12V
V
IN = 5V
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
0
0.2
0.4
0.6
0.8
1
Current (mA)
-40
°C
+25
°C
+125
°C
5.04
5.08
5.12
5.16
5.20
5.24
6
8
10 12 14 16 18 20 22 24 26 28 30 32
V
IN (V)
-40
°C
+125
°C
+25
°C
I
DD = 1 mA
5.04
5.06
5.08
5.10
5.12
5.14
5.16
5.18
5.20
5.22
0
2
4
6
8 10121416182022242628 30
Current (mA)
-40
°C
+25
°C
+125
°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
Current (mA)
-40
°C
+25
°C
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com