Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 46Page - Microchip Technology MCP19124 Datasheet HTML 47Page - Microchip Technology MCP19124 Datasheet HTML 48Page - Microchip Technology MCP19124 Datasheet HTML 49Page - Microchip Technology MCP19124 Datasheet HTML 50Page - Microchip Technology MCP19124 Datasheet HTML 51Page - Microchip Technology MCP19124 Datasheet HTML 52Page - Microchip Technology MCP19124 Datasheet HTML 53Page - Microchip Technology MCP19124 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 236 page
background image
MCP19124/5
DS20005619A-page 50
 2016 Microchip Technology Inc.
6.11.2
MOSFET DRIVER DEAD TIME
As described in Section 6.8 “MOSFET Driver
Programmable Dead Time”, the MOSFET drive dead
time can be adjusted. The dead time can be set
independently for each driver from 16 ns to 256 ns in
increments of 16 ns using the DEADCON register.
Dead time can also be disabled for each driver
independently by setting the bypass bits PDRVBY and
SDRVBY in the PE1 register.
6.11.3
SECONDARY CURRENT POSITIVE
SENSE PULL-UP
A high-impedance pull-up on the ISP pin can be
configured by setting the ISPUEN bit in the PE1
register. When set, the ISP pin is internally pulled-up to
VDD. Refer to Register 6-13 for details.
6.11.4
PWM STEERING
The MCP19124/5 have additional control circuitry to
allow open-loop repositioning of the output. The
PWMSTR_PEN bit enables a primary-only PWM signal
of fixed frequency and duty cycle to reposition the
output voltage up. The PWMSTR_SEN bit enables a
secondary-only PWM signal of fixed frequency and
duty cycle to reposition the output voltage down. When
repositioning output voltage down, the output
overvoltage protection must be active along with
PWMSTR_SEN for the PWM to pulse the SDRV.
Frequency and duty cycle are controlled through TMR2
registers PR2 and TMR1L. PWMSTPR_PEN and
PWMSTR_SEN should never be active at the same
time, therefore the PWMSTPR_PEN is the dominant
bit. For quasi-resonant operation during open-loop
repositioning, the DESAT comparator output should be
disabled with the CDSOE bit in the DEADCON register.
6.12
Analog and Digital Test Signal
Enable and Control
Various analog and digital test signals can be enabled
or disabled, as shown in the ABECON register. These
signals can be configured to GPA0. Setting the
DIGOEN bit enables the digital test signals to be
connected to GPA0. DSEL<2:0> select the digital
channels. Setting ANAOEN enables the analog test
signals to be connected to GPA0. If ANAOEN and
DIGOEN both get set, the DIGOEN bit takes priority.
When ANAOEN is not set, the analog test signals are
connected to the internal ADC. The analog test channel
selections are controlled through the ADCON0 register.
6.12.1
MOSFET DRIVER UNDERVOLTAGE
LOCKOUT SELECTION
The MOSFET gate drivers have internal undervoltage
protection that is controlled by the DRUVSEL bit in the
ABECON register. Since the gate drive supply is
provided externally through the VDR pin, the drivers are
capable of driving logic level FETs or higher 10V (13.5V
maximum) FETs. DRUVSEL defaults to clear, therefore
selecting a gate drive UVLO of 2.7V. Setting DRUVSEL
selects the higher 5.4V gate drive UVLO. Refer to
Section 4.2
“Electrical
Characteristics”
for
additional electrical specifications.
bit 6
SDRVEN: SDRV Gate Drive Enable bit
1
= SDRV gate drive is enabled
0
= SDRV gate drive is disabled
bit 5
PDRVBY: PDRV Dead Time Bypass bit
1
= PDRV dead time is bypassed
0
= PDRV dead time is not bypassed
bit 4
SDRVBY: SDRV Dead Time Bypass bit
1
= SDRV dead time is bypassed
0
= SDRV dead time is not bypassed
bit 3
Unimplemented: Read as ‘0’
bit 2
ISPUEN: ISP Weak Pull-Up Enable bit
1
= ISP weak pull-up is enabled
0
= ISP weak pull-up is disabled
bit 1
PWMSTR_PEN: PDRV PWM Steering bit
1
= Enables open-loop PWM control to the PDRV
0
= Disables open-loop PWM control to the PDRV
bit 0
PWMSTR_SEN: SDRV PWM Steering bit
1
= Enables open-loop PWM control to the SDRV
0
= Disables open-loop PWM control to the SDRV
REGISTER 6-13:
PE1: ANALOG PERIPHERAL ENABLE1 CONTROL REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com