Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 21Page - Microchip Technology MCP19124 Datasheet HTML 22Page - Microchip Technology MCP19124 Datasheet HTML 23Page - Microchip Technology MCP19124 Datasheet HTML 24Page - Microchip Technology MCP19124 Datasheet HTML 25Page - Microchip Technology MCP19124 Datasheet HTML 26Page - Microchip Technology MCP19124 Datasheet HTML 27Page - Microchip Technology MCP19124 Datasheet HTML 28Page - Microchip Technology MCP19124 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 25
MCP19124/5
Tolerance
VREFTOL
-2.0
±0.2
2.0
%
Trimmed @ code 0xCC
at 25°C
0°C to 85°C
-2.5
—
2.5
%
-40°C to 0°C
85°C to 125°C
Voltage Reference DAC (VREF2)
Resolution
nbits
—
8
—
bits
Linear DAC
Full-Scale Range
FSR
0
—
BG
V
Tolerance
VREF2_TOL
-2.0
±0.2
2.0
%
Trimmed @ code 0xCC
at 25°C
0°C to 85°C
-2.5
—
2.5
%
-40°C to 0°C
85°C to 125°C
Sink Current
ISINK
-3
——
mA
VREF2 = 0x29
ISINK = 3 mA
VREF2 < 60 mV
Source Current
ISOURCE
3
——
mA
VREF2 = 0xFF
ISOURCE = 3 mA
VREF2 < 60 mV
Current Sense Amplifier (A2)
Amplifier PSRR
PSRR
—
65
—
dB
VCM =2xBG
Closed-Loop Voltage
Gain
A2VCL
—10
—
V/V
RL =5k to 2.048V,
100 mV < A2 < AVDD - 100 mV
VCM =BG
Closed Loop Voltage
Gain Tolerance
A2VCL_TOL
-1.75
0.5
+1.75
%
Trimmed
Low-Level Output
VOL
—300
—
mV
RL =5k to 2.048V
Gain-Bandwidth
Product
GBWP
—
10
—
MHz
AVDD =4V
Input Impedance
RIN
—10
—
k
Sink Current
ISINK
-3
——
mA
ISP =ISN =GND
RL =300 to 2 x BG
(Note 4)
Source Current
ISOURCE
3
——
mA
ISP =ISN =GND
RL =300 to GND
(Note 4)
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW = 150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 14.0 “Power-Down Mode (Sleep)”.
2: VDD is the voltage present at the VDD pin.
3: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4: Ensured by design, not production tested.
5: These parameters are characterized, but not production tested.
6: The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com